PART |
Description |
Maker |
VSC7969YD1 VSC7969YD2 VSC7969WD1B VSC7969WD2A VSC7 |
3.125Gb/s integrated transimpedance and limiting amplifier with signal detect. 3.3V supply 3.125Gb/s integrated transimpedance and limiting amplifier with signal detect. 5V supply, VOUTH/VOUTP outputs 3.125Gb/s integrated transimpedance and limiting amplifier with signal detect. 5V supply, VOUTH/IMON outputs
|
VITESSE[Vitesse Semiconductor Corporation]
|
UV-TIAMO-S |
integrated transimpedance amplifier
|
Roithner LaserTechnik G...
|
AMT8304T46F AMT8304T46L AMT8304 AMT8304T4TL |
The ANADIGICS AMT8304 is a 3.3V monolithically integrated Metal-Semiconductor-Metal (MSM) photodetector and transimpedance amplifier ... 2.125 Gb/s Integrated 850nm MSM-TIA
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
ATA06212AD1C ATA06212A_REV_1.2 ATA06212A |
AGC Transimpedance Amplifier From old datasheet system Transimpedance Amplifiers (TIAs)
|
ANADIGICS[ANADIGICS, Inc]
|
ATA01504 ATA01504D1C |
AGC Transimpedance Amplifier From old datasheet system Transimpedance Amplifiers (TIAs)
|
ANADIGICS[ANADIGICS, Inc]
|
AMT8312 AMT8312T46L |
The ANADIGICS AMT8312, packaged in a 5 pin TO-46 lens can, is a 3.3 V integrated photodetector and transimpedance amplifier (TIA) ... 2.5 Gb/s 850 nm PIN-TIA
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
R12K09 R12H12 R12H15 R12K05 R05J12 R05J15 R05J09 R |
and a transimpedance amplifier on a single monolithic IC. The TSL250RD and TSL260 RD have an equivalent feedback resistance of 16 Megohm and a transimpedance amplifier (feedback resistor = 16 Megohm, 8 Megohm and 2.8 Megohm, respectively) on a single monolithic IC. Output voltage is directly EUROLINE - DC/DC - CONVERTER converter on a single monolithic CMOS integrated circuit. The output is a square wave (50% duty cycle) with frequency directly proportional to light CAPACITOR 0805 X7R 4.7NF 100V 10市ACITOR 0805 X7R 4.7NF 100V 10%; CAPACITANCE:4.7NF; VOLTAGE RATING, DC:100V; CAPACITOR DIELECTRIC TYPE:CERAMIC MULTI-LAYER; SERIES:B37941; TOLERANCE, :10%; TOLERANCE, -:10%; TEMP, OP. RoHS Compliant: Yes
|
RECOM Power Inc.
|
MAX3271W MAX3271E MAX3271D MAX3271 |
3.3V 2.5Gbps Low-Power Transimpedance Amplifier " 3.3V, 2.5Gbps Low-Power Transimpedance Amplifier" From old datasheet system 3.3V, 2.5Gbps Low-Power Transimpedance Amplifier 3.3伏,2.5Gbps的低功耗阻放大
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
SE1031W SE103 |
LightCharger?/a> 2.5 Gb/s Transimpedance Amplifier LP Final LightCharger 2.5 Gb/s Transimpedance Amplifier LP Final LightCharger⑩ 2.5 Gb/s Transimpedance Amplifier LP Final
|
SIGE[SiGe Semiconductor Inc.] SIGE[SiGe Semiconductor, Inc.]
|
ATA121302D1C |
1.25 GB/S TRANSIMPEDANCE AMPLIFIER
|
ANADIGICS[ANADIGICS, Inc]
|
ATA01504D1C |
AGC TRANSIMPEDANCE AMPLIFIER
|
ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc]
|
SA5212 SA5212AD |
Transimpedance amplifier (140MHz) Transimpedance amplifier 140MHz
|
Philips NXP Semiconductors
|