PART |
Description |
Maker |
TLE5012BD |
GMR-Based Dual Die Angle Sensor
|
Infineon Technologies A...
|
TLE5010 |
GMR Based Angular Sensor
|
http://
|
MR18R162GAF0 MR16R162GAF0 MR18R1624AF0 MR18R1622AF |
64M X 16 RAMBUS MODULE, DMA184 TVS 500W 6.5V BIDIRECT DO-15 6Mx16显示)2/8/16)件RIMM的模块,基于256Mb阿芯片,32秒银行,16K/32ms参考,.5V 16Mx16显示)2/8/16)件RIMM的模块,基于256Mb阿芯片,32秒银行,16K/32ms参考,.5V (MR18R1622(4/8/G)AF0) (16Mx16)x2(4/8/16)pcs RIMM Module based on 256Mb A-die (MR1xR1622(4/8/G)AF0) (16Mx16)x2(4/8/16)pcs RIMM Module based on 256Mb A-die (16Mx16)x2(4/8/16)pcs RIMM Module based on 256Mb A-die, 32s banks,16K/32ms Ref, 2.5V
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor]
|
M393B1K70DH0 |
240pin Registered DIMM based on 2Gb D-die
|
Samsung semiconductor
|
M393B1K73EB0 |
240pin Registered DIMM based on 2Gb E-die
|
Samsung semiconductor
|
AP1115 AP1115A AP1115AV15 AP1115AV15A AP1115AV15L |
SCREWDRIVER, SENSO SLOT 4.0 X 125SCREWDRIVER, SENSO SLOT 4.0 X 125; Tip Size A x B:4 x 0.8mm; Tip size:4mm; Length, blade:125mm; Length, Inches:5"; Handle type:COLOUR CODED; Tip Size:4 mm; Tip type:Parallel Slot RES 2.43K 1% 1/16W 0603 0.6A的低压差正可调或固定模式稳压 0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator 0.6A的低压差正可调或固定模式稳压 Circular Connector; No. of Contacts:9; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:22-20 RoHS Compliant: No Circular Connector; No. of Contacts:9; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:22-20 RoHS Compliant: No SCREWDRIVER SET, SENSO SL/PH 5 PCSCREWDRIVER SET, SENSO SL/PH 5 PC; Handle type:COLOUR CODED; Kit contents:75 x 4, 100 x 5.5, 150 x 6.5mm Flared tip. 49012 PH 1 x 80, PH 2 x 100mm PH
|
Square D by Schneider Electric SIEMENS AG NEC, Corp. ETC[ETC] ANACHIP[Anachip Corp] http://
|
HMT41GA7MFR8A-G7 HMT41GA7MFR8A-H9 HMT41GA7MFR8A-PB |
DDR3L SDRAM ECC SO-DIMMs Based on 4Gb M-die
|
Hynix Semiconductor
|
HMT425S6MFR6C HMT425S6MFR6C-G7 HMT425S6MFR6C-H9 HM |
DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb M-die
|
Hynix Semiconductor
|
HMT351U7EFR8C-H9 HMT351U7EFR8C-PB HMT351U7EFR8C-RD |
DDR3 SDRAM Unbuffered DIMMs Based on 2Gb E-Die
|
Hynix Semiconductor
|
HMT351R7CFR4A-PB HMT351R7CFR8A-PB HMT42GR7CMR4A-H9 |
DDR3L SDRAM Registered DIMM Based on 2Gb C-die
|
Hynix Semiconductor
|