PART |
Description |
Maker |
MAX9711 MAX9710 MAX9710-MAX9711 MAX9711ETC MAX9710 |
3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown 3 W, 2 CHANNEL, AUDIO AMPLIFIER, QCC20 Synchronous 8-Bit Up/Down Counters 24-CDIP -55 to 125 3 W, 2 CHANNEL, AUDIO AMPLIFIER, QCC20 Mono 3W Audio BTL Amplifier Stereo 3W Audio BTL Amplifier From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MAX9702EUI MAX9702BEUI MAX9702BETI MAX9702ETI MAX9 |
1.8W, Filterless, Stereo, Class D Audio Power Amplifier and DirectDrive Stereo Headphone Amplifier 1.8W的,滤波,立体声D类音频功率放大器和DirectDrive立体声耳机放大
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
MAX9708 MAX9708ETN MAX9708ECB |
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier From old datasheet system The MAX9708 mono/stereo, Class D audio power amplifier delivers up to 2 x 21W into an 8 stereo mode
|
MAXIM[Maxim Integrated Products]
|
MAX9718GEBLTG45 MAX9719AEBET |
1.4 W, 1 CHANNEL, AUDIO AMPLIFIER, PBGA9 ROHS COMPLIANT, UCSP-9 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers 1.4 W, 2 CHANNEL, AUDIO AMPLIFIER, PBGA16
|
Maxim Integrated Products, Inc.
|
BS616LV4015EI BS616LV4015 BS616LV4015AC BS616LV401 |
LM4992 Boomer ® Audio Power Amplifier Series 420mW Stereo Cell Phone Audio Amplifier; Package: LLP; No of Pins: 14 LM4992 Boomer ® Audio Power Amplifier Series 420mW Stereo Cell Phone Audio Amplifier; Package: LLP; No of Pins: 14 Very Low Power/Voltage CMOS SRAM 256K X 16 bit
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
BA3528 BA3528AFP BA3529AFP A5801029 |
Pre / power amplifier and motor governor for 3V headphone stereos(前置/功率放大器和电机管理) 功率放大器和3V的耳机音响电机省长(前功率放大器和电机管理 From old datasheet system Audio LSIs > Headphone stereo amplifier > Prepower governer for headphone stereo
|
Rohm Co., Ltd. Rohm CO.,LTD. ROHM[Rohm]
|
MAX9750AETIT MAX9750CETIT MAX9750AETI-T MAX9750BEU |
2.6W Stereo Audio Power Amplifiers and DirectDrive® Headphone Amplifiers VOLUME CONTROL CIRCUIT, QCC28 2.6 W, 2 CHANNEL, AUDIO AMPLIFIER, QCC28 2.6 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO28
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AT73C213 |
The AT73C213 is a fully integrated, low-cost combined stereo audio DAC and audio amplifier circuit targeted for Li-ion or Ni-Mh battery-powered ... Power Management for Mobiles (PM) / Audio Interface for Portable Handsets
|
ATMEL[ATMEL Corporation]
|
BS616LV2019TI BS616LV2019TI-55 BS616LV2019TI-70 BS |
LM4951 Wide Voltage Range 1.8 Watt Audio Amplifier; Package: LLP; No of Pins: 10 非常低功电压CMOS SRAM28K的16 Very Low Power/Voltage CMOS SRAM 128K X 16 bit 非常低功电压CMOS SRAM28K的16 LM4949 Stereo Class D Audio Subsystem with OCL Headphone Amplifier 非常低功电压CMOS SRAM28K的16 JT 128C 128#22D SKT PLUG 非常低功电压CMOS SRAM28K的16 LM4949 Stereo Class D Audio Subsystem with OCL Headphone Amplifier; Package: MICRO SMD; No of Pins: 25 LM4953 Boomer ® Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver; Package: LLP; No of Pins: 14 Asynchronous 2M(128Kx16) bits Static RAM
|
BRILLIANCE SEMICONDUCTOR, INC. ETC[ETC] BSI[Brilliance Semiconductor] Brilliance Semiconducto...
|
BA3576FS A5800787 |
Audio LSIs > Headphone stereo amplifier > Headphone amplifier Low power consumption headphone driver for digital audio From old datasheet system
|
ROHM[Rohm]
|
TDA1515BQ TDA1515 |
24 W BTL or 2 x 12 W stereo car radio power amplifier 12 W, 2 CHANNEL, AUDIO AMPLIFIER, PSFM13
|
NXP Semiconductors N.V. Philips Semiconductors
|