PART |
Description |
Maker |
MAX4182 MAX4180-MAX4187 MAX4180 MAX4181 MAX4183 MA |
Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown From old datasheet system " Dual, 270MHz, 1mA, SOT23, Current-Feedback Amplifier (Av=2)"
|
MAXIM - Dallas Semiconductor
|
HY62256A HY62256AJ HY62256AJ-I HY62256ALJ HY62256A |
32Kx8bit CMOS SRAM, standby current=25uA, 70ns 32Kx8bit CMOS SRAM, standby current=25uA, 55ns 32Kx8bit CMOS SRAM, standby current=25uA, 85ns 32Kx8bit CMOS SRAM, standby current=100uA, 70ns 32Kx8bit CMOS SRAM, standby current=100uA, 85ns 32Kx8bit CMOS SRAM, standby current=1mA, 70ns 32Kx8bit CMOS SRAM, standby current=1mA, 85ns 32Kx8bit CMOS SRAM, standby current=1mA, 55ns 32Kx8bit CMOS SRAM 32Kx8bit CMOS SRAM Circular Connector; No. of Contacts:22; Series:MS27497; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 32Kx8bit CMOS SRAM JT 22C 22#22D SKT RECP 32Kx8bit CMOS SRAM
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc. ETC HYNIX[Hynix Semiconductor] http://
|
EL2270CN EL2170CN EL2170CS EL2470CS-T7 EL2170 EL21 |
70MHz/1mA Current Mode Feedback Amplifiers
|
INTERSIL[Intersil Corporation]
|
BFS482 Q62702-F1573 |
NPN Silicon RF Transistor (For low-noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA.) 2 CHANNEL, UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR NPN Silicon RF Transistor (For low-noise/ high-gain broadband amplifiers at collector currents from 1mA to 20mA.) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
DMF-50427NJ-SLY |
128 x 64dots; dot size:0.40 x 0.40mm; 0.3-7.0V 2.1mA LCD module
|
Optrex Corporation
|
MAX4181EUT |
Single/Dual/Quad / 270MHz / 1mA / SOT23 / Current-Feedback Amplifiers with Shutdown
|
Maxim
|
MAX4180ESA-T |
Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown
|
MAXIM INTEGRATED PRODUCTS INC
|
ST3237E ST3237EBD ST3237EBDR ST3237EBPR ST3237EBTR |
??5KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY ±15KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY 15KV ESP PROTECTED 3 TO 5.5V 250KBPS RS-232 TRANSCEIVER WITH STAND-BY 15KV ESD-PROTECTED 1mA 3 TO 5.5V 250KBPS RS-232 TRANSCEIVER WITH STAND-BY 【15KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY 15KV ESP PROTECTED 3 TO 5.5V 250KBPS RS-232 TRANSCEIVER WITH STAND-BY
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
AH9248Z3-G1 |
MAGNETIC FIELD SENSOR-HALL EFFECT, -.5-5.5mT, 1mA, RECTANGULAR, THROUGH HOLE MOUNT GREEN, TO-92S,3 PIN
|
BCD Semiconductor Manufacturing, Ltd.
|
SBR130S3-7 |
RECTIFIER SBR SINGLE 1A 30V 18A-ifsm 410Vf 0.1mA-ir SOD-323 3K/REEL 1 A, 30 V, SILICON, SIGNAL DIODE
|
Diodes, Inc.
|
Q62702-F1315 BFR182 |
From old datasheet system NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
|
SIEMENS[Siemens Semiconductor Group]
|
BFP182 Q62702-F1396 |
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA) From old datasheet system
|
SIEMENS[Siemens Semiconductor Group] Infineon
|