PART |
Description |
Maker |
DTA143EM3T5G |
Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
PDTA123E PDTA123EE PDTA123EEF PDTA123EK PDTA123EU |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors; R1 = 2.2 k楼?, R2 = 2.2 k楼? PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
|
NXP Semiconductors
|
MMUN2134LT1 MMUN2111LT1 MMUN2112LT1 MMUN2113LT1 MM |
Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network SSP PNP PNP SILICON BIAS RESISTOR TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
ONSEMI[ON Semiconductor]
|
BC638ZL1 BC636-16ZL1 BC640 BC640ZL1 BC636 BC636-16 |
Transistor Silicon Plastic PNP High Current Transistors PNP Silicon High Current Transistors(PNP Silicon) High Current Transistors 500 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ONSEMI[ON Semiconductor]
|
BC327-16 BC327 BC327-25 BC328-25 BC328 BC328-16 |
Amplifier Transistors(PNP Silicon) Amplifier Transistors(PNP) ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix)
|
MOTOROLA INC ON Semiconductor MOTOROLA[Motorola, Inc] Motorola, Inc.
|
MMUN2111LT1G MMUN2112LT1G |
Bias Resistor Transistors PNP Silicon Surface Mount Transistors Small Signal Bias Resistor Transistor SOT23, (TO236AB) PNP 50V; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
Rectron Semiconductor
|
2N4403ZL1 2N4403RLRP 2N4403RLRM 2N4403RL 2N4403RLR |
General Purpose Transistors 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 General Purpose Transistors, PNP Silicon
|
ON Semiconductor
|
BC808-16 BC808-25 BC808-40 Q62702-C1689 BC807 BC80 |
From old datasheet system SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO TFP-100B; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PTQP0100KA-A PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 进步党硅晶体管自动对焦(自动对焦对于一般应用高集电极电流的高电流增益)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG Fairchild Semiconductor, Corp.
|
2SA1882 0177 |
PNP Epitaxial Planar Silicon Transistors Low-Frequency General-Purpose Amplifier Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SB1201 2SD1801 0738 |
PNP Epitaxial Planar Silicon Transistors High-Current Switching Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
|