PART |
Description |
Maker |
LT1070 LT1070CK LT1070CT LT1070HVCK LT1070HVCT LT1 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 11 A SWITCHING REGULATOR, 47 kHz SWITCHING FREQ-MAX, PZFM5 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 5A and 2.5A High Efficiency Switching Regulators From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LTC1771 LTC17711 LTC1771ES8 LTC1771IS8 LTC1771IS8T |
10A Quiescent Current High Efficiency Step-Down DC/DC Controller 10µA Quiescent Current High Efficiency Step-Down DC/DC Controller; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C 1 A SWITCHING CONTROLLER, PDSO8 10µA Quiescent Current High Efficiency Step-Down DC/DC Controller; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1 A SWITCHING CONTROLLER, PDSO8 10mA Quiescent Current High Efficiency Step-Down DC/DC Controller
|
Linear Technology, Corp.
|
LTC3202EMS LTC3202 LTC3202EMSTRPBF LTC3202-15 |
Low Noise, High Efficiency Charge Pump for White LEDs 低噪声,高效率电荷泵白光LED Low Noise, High Efficiency Charge Pump for White LEDs; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR CONVERTER, 1500 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
LTC1142HVCGPBF LTC114200 |
Dual High Efficiency Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 0.05 A SWITCHING CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
LT1072 LT1072CJ8 LT1072CK LT1072CN8 LT1072CS LT107 |
1.25A High efficiency Switching Regulator(1.25A 楂??????崇ǔ???) From old datasheet system RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3.5 A SWITCHING REGULATOR, 47 kHz SWITCHING FREQ-MAX, MBFM4
|
Linear Technology Corporation LINER[Linear Technology] Linear Technology, Corp.
|
LT1371CRPBF LT1371HVIRPBF |
500kHz High Efficiency 3A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C
|
NXP Semiconductors N.V. LINEAR TECHNOLOGY CORP
|
RSBL-12 RSBL-9 RSBL-9-S RSB-12 RSB-12-S RSB-24 RSB |
Using Permanent Magnet, High sensitivity Two Poles Signal Relay RSB RELAYS 使用永磁,两极高灵敏度信号继电器RSB继电 ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% 使用永磁,两极高灵敏度信号继电器RSB继电 ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% Explosion-Proof Limit Switches Series CX: Standard Housing: Side Rotary, Lever not included From old datasheet system
|
Electronic Theatre Controls, Inc. ETC[ETC] N.A. List of Unclassifed Manufacturers http://
|
LINEARTECHNOLOGYCORP-LTM4600HVMPVTRPBF LTM4600HVEV |
10A High Efficiency DC/DC µModule; Package: LGA; No of Pins: 104; Temperature Range: -40°C to 125°C 10A High Efficiency DC/DC µModule; Package: LGA; No of Pins: 104; Temperature Range: -40°C to 85°C 10A High Efficiency DC/DC µModule; Package: LGA; No of Pins: 104; Temperature Range: -55° to 125°C
|
LINEAR TECHNOLOGY CORP
|
LTC3631IDD-5TRPBF LTC3631EDD-5TRPBF LTC3631IDD-5PB |
LTC3631 - High Efficiency, High Voltage 100mA Synchronous Step-Down Converter; Package: DFN; Number of Pins: 8; Temperature Range: –40°C to 85°C 0.1 A SWITCHING REGULATOR, PDSO8 LTC3631 - High Efficiency, High Voltage 100mA Synchronous Step-Down Converter; Package: DFN; Number of Pins: 8; Temperature Range: –40°C to 125°C 0.1 A SWITCHING REGULATOR, PDSO8 LTC3631 - High Efficiency, High Voltage 100mA Synchronous Step-Down Converter; Package: MSOP; Number of Pins: 8; Temperature Range: –40°C to 125°C 0.1 A SWITCHING REGULATOR, PDSO8 LTC3631 - High Efficiency, High Voltage 100mA Synchronous Step-Down Converter; Package: MSOP; Number of Pins: 8; Temperature Range: –40°C to 85°C 0.1 A SWITCHING REGULATOR, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
HER805 HER801 HER802 HER803 HER804 HER806 |
8.0 AMP HIGH EFFICIENCY RECTIFIERS
|
BYTES[Bytes]
|