PART |
Description |
Maker |
62100-0100 |
Ferrule Crimp Hand Tool IDT
|
Molex Electronics Ltd.
|
14-44-1204 14-44-1217 14-44-1205 14-44-1206 14-44- |
SL IDT Opt D Male 24AWG 15 SAu 4Ckt 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP SL IDT Opt D Male 24AWG 15 SAu 17Ckt 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP SL IDT Opt D Male 24AWG 15 SAu 5Ckt 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP SL IDT Opt D Male 24AWG 15 SAu 6Ckt 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP SL IDT Opt D Male 24AWG 15 SAu 2Ckt 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP 14441225 25 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP SL IDT Opt D Male 24AWG 15 SAu 15Ckt
|
Molex, Inc. MOLEX INC
|
0011324153 001132-4153 0011-32-4153 |
IDT - Manual - Tool Kit
|
Molex Electronics Ltd.
|
62200-6701 |
IDT - Manual - Tool Kit
|
Molex Electronics Ltd.
|
0011324767 001132-4767 0011-32-4767 AM63181HT2 |
IDT - Manual - Tool Kit
|
Molex Electronics Ltd.
|
11390001 0011390001 1139-0001 11-39-0001 0011-39-0 |
IDT - Manual - Tool Kit
|
Molex Electronics Ltd.
|
Z80-280 |
DATAMATE CRIMP CONTACT INSERTION / REMOVAL TOOL KIT
|
Harwin Plc
|
14-60-5203 |
CGrid SL IDT Opt D 50 SAu 20Ckt 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CRIMP
|
Molex, Inc.
|
25C040-P 25AA040-P 25LC040-P 25C040X-ST 25C040IN 2 |
Evaluation Kit for the MAX1748, MAX1779 Evaluation Kit for the MAX16803 Evaluation Kit for the MAX1760 High-Voltage, Step-Down DC-DC Controller in µMAX 500mA Low-Dropout Linear Regulator in UCSP Industry-Standard, 12-Bit ADC with Reference Evaluation Kit for the MAX1757, MAX1758 60mA, SOT23 Inverting Charge Pump with Shutdown Evaluation Kit for the MAX1700, MAX1701 125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters Evaluation Kit for the MAX1684, MAX1685 Evaluation Kit for the MAX1698 Evaluation Kit for the MAX1692 Evaluation Kit for the MAX1703 Evaluation Kit for the MAX1820, MAX1821 Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems SPI串行EEPROM High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver SPI串行EEPROM Evaluation Kit for the MAX1744, MAX1745 SPI串行EEPROM SPI Serial EEPROM SPI串行EEPROM
|
Microchip Technology, Inc.
|
W-HT-1884 26-48-1061 26-48-1062 26-48-1021 26-48-1 |
KK-156 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Premium Crimp Tool
|
MolexKits
|
26-48-1021 26-48-1022 W-HT-1919 26-48-1061 26-48-1 |
KK-156 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Universal Crimp Tool
|
MolexKits
|
|