PART |
Description |
Maker |
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
MJW0281A MJW0281A05 MJW0302A MJW0281ADATASHEET MJW |
Complementary NPN?PNP Power Bipolar Transistors ; Package: SOIC NARROW; No of Pins: 14; Qty per Container: 55/Rail 15 A, 260 V, PNP, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Power Bipolar Transistors Complementary Power Transistors
|
ON Semiconductor http://
|
BD138 BD138-10 BD138-16 BD140 BD140-10 BD140-16 BD |
PNP power transistors PNP power transistors 1.5 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-126 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Green; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes PNP power transistor(PNP????朵?绠?
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PDTA123E PDTA123EE PDTA123EEF PDTA123EK PDTA123EU |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors; R1 = 2.2 k楼?, R2 = 2.2 k楼? PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
|
NXP Semiconductors
|
PMP5201G PMP5201V PMP5201Y PMP5201Y115 PMP5201Y135 |
PNP/PNP matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
2DB1424R-13 2DB1424R |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
DSS60600MZ4 DSS60600MZ4-13 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 55V to 100V 6 A, 60 V, PNP, Si, POWER TRANSISTOR GREEN, PLASTIC PACKAGE-4 LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
ZXT10P12DE6 ZXT10P12DE6TA ZXT10P12DE6TC |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR PNP Low Sat Transistor
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
PDTA143ZEF PDTA143ZU PDTA143ZK |
PNP resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 47 kOhm PNP配电阻型晶体管;R1=4.7千欧姆,R2=47千欧 PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = 47 kΩ PNP resistor-equipped transistors; R1 = 4.7 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
BC808-16 BC808-25 BC808-40 Q62702-C1689 BC807 BC80 |
From old datasheet system SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO TFP-100B; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PTQP0100KA-A PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 进步党硅晶体管自动对焦(自动对焦对于一般应用高集电极电流的高电流增益)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG Fairchild Semiconductor, Corp.
|
PUMB19 PUMD19 PEMD19 PEMH19 PUMH19 PEMB19 PEMD1911 |
NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = open NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open; Package: SOT666 (SS-Mini); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR PEMD19; PUMD19; NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
2SA1523 0090 |
PNP Epitaxial Planar Silicon Transistors Switching Applications (with Bias Resistance) From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|