PART |
Description |
Maker |
14D181K 14D390K 14D391K 14D180K 14D220K 14D221K 14 |
Varistor Type MYG
|
StarHope
|
NTE1V300 NTE524V48 NTE524V13 NTE524V15 NTEV480 NTE |
Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 390 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 150 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 270 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 216 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 240 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 470 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 750 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 18 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 24 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 39 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 56 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 68 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 33 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 27 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 22 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 270 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 470 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 430 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 390 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 240 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 216 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 171 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 56 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 120 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 150 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 100 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 82 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 68 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 47 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 33 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 39 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 27 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 24 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 22 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 18 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 47 V @ 1mA DC test current. Metal Oxide Varistors (MOV) 金属氧化物压敏电阻(MOV)的 Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 750 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 100 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 470 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 240 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 216 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 171 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 430 V @ 1mA DC test current.
|
NTE[NTE Electronics] NTE Electronics, Inc.
|
ERZC20EK102Y ERZC20EK201Y ERZC20EK361Y ERZC32EK361 |
Surge Absorbers - Varistor Type E
|
Panasonic
|
NVD05UCDMHTA220 |
metal oxide varistor disc type
|
KOA Speer Electronics, Inc.
|
NVD20SCD10UBBK NVD20SCD10UCA NVD20SCD10UCBK NVD20S |
metal oxide varistor disc type
|
KOA Speer Electronics, Inc. KOA Speer Electronics, ...
|
ERZE08B751CS ERZE11B751CS ERZE08A561CS ERZE08B681C |
Surge Absorbers - Varistor Type D Series E
|
Panasonic
|
MOV-561KD25H MOV-471KD25H MOV-182KD25H MOV-911KD25 |
METAL OXIDE VARISTOR Housing Type 20KA
|
RFE international
|
NV73DS2LTTE27 |
multilayer type metal oxide varistor (load dump surge)
|
KOA Speer Electronics, Inc.
|
TVR10561 TVR20101 TVR14431 TVR20180 TVR20181 TVR20 |
From old datasheet system (TVR Series) ZINC OXIDE VARISTOR 50 SERIES Shrink Tubing; Shrink Ratio:2:1; Material:Polyolefin RoHS Compliant: Yes R- 600 PRV 6A ZINC OXIDE VARISTOR 50 SERIES 氧化锌压敏电50系列 ZINC OXIDE VARISTOR 50 SERIES 氧化锌压敏电0系列
|
N.A. ETC[ETC] Electronic Theatre Controls, Inc. STMicroelectronics N.V.
|
AIRD-110A-271K-04 AIRD-110A-3R3K-10 AIRD-110A-820K |
Radial-leaded Metal Oxide Varistor ( ROV ); ROV10H431K-2 ( Raychem ) Radial-leaded Metal Oxide Varistor ( ROV ); ROV10H511K-2 ( Raychem ) Radial-leaded Metal Oxide Varistor ( ROV ); ROV10H391K-S-2 ( Raychem ) Radial-leaded Metal Oxide Varistor ( ROV ); ROV10H470K ( Raychem ) Radial-leaded Metal Oxide Varistor ( ROV ); ROV10H361K-S-2 ( Raychem ) Radial-leaded Metal Oxide Varistor ( ROV ); ROV10H470K-S-2 ( Raychem ) Radial-leaded Metal Oxide Varistor ( ROV ); ROV10H471K ( Raychem ) Radial-leaded Metal Oxide Varistor ( ROV ); ROV10H390K-S-2 ( Raychem ) Radial-leaded Metal Oxide Varistor ( ROV ); ROV10H471K-2 ( Raychem ) Radial-leaded Metal Oxide Varistor ( ROV ); ROV10H390K-S ( Raychem ) Radial-leaded Metal Oxide Varistor ( ROV ); ROV10H391K ( Raychem ) Radial-leaded Metal Oxide Varistor ( ROV ); ROV10H390K ( Raychem ) Radial-leaded Metal Oxide Varistor ( ROV ); ROV10H390K-2 ( Raychem ) Radial-leaded Metal Oxide Varistor ( ROV ); ROV10H470K-2 ( Raychem ) Radial-leaded Metal Oxide Varistor ( ROV ); ROV10H431K ( Raychem ) Radial-leaded Metal Oxide Varistor ( ROV ); ROV10H431K-S-2 ( Raychem ) Radial-leaded Metal Oxide Varistor ( ROV ); ROV10H391K-S ( Raychem ) Radial-leaded Metal Oxide Varistor ( ROV ); ROV10H511K-S ( Raychem ) Radial-leaded Metal Oxide Varistor ( ROV ); ROV10H471K-S-2 ( Raychem ) Radial-leaded Metal Oxide Varistor ( ROV ); ROV10H511K ( Raychem ) Radial-leaded Metal Oxide Varistor ( ROV ); ROV10H471K-S ( Raychem ) Radial-leaded Metal Oxide Varistor ( ROV ); ROV10H361K-S ( Raychem ) Radial-leaded Metal Oxide Varistor ( ROV ); ROV10H470K-S ( Raychem ) 1 ELEMENT, 3.3 uH, GENERAL PURPOSE INDUCTOR
|
Abracon Corporation Abracon, Corp.
|
TVR10431-V TVR10511-V TVR10561-V |
Disc Type Varistor for Surge Protection (Medium Surge Series)
|
Thinking Electronic Ind...
|
V120MLA1210 V18MLA1210 V26MLA1210 V30MLA1210 V30ML |
Surface mount varistor. Ag/Pd. Max continuous working voltage: 3.5VDC, 2.5VAC. Bulk pack. Surface mount varistor. Ag/Pt. Max continuous working voltage: 3.5VDC, 2.5VAC. 7in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 9VDC, 6.5VAC. 7in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 30VDC, 25VAC. 7in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 18VDC, 14VAC. 7in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 12VDC, 9.0VAC. 7in diameter reel. Surface mount varistor. Nickel barrier. Max continuous working voltage: 14VDC, 10VAC. 7in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 68VDC, 50VAC. 13in diameter reel. Multilayer Transient Voltage Surge Suppressors 多层瞬态电压浪涌抑制器 Surface mount varistor. Ag/Pt. Max continuous working voltage: 33VDC, 26VAC. Bulk pack. Surface mount varistor. Ag/Pt. Max continuous working voltage: 33VDC, 26VAC. 7in diameter reel. Surface mount varistor. Ag/Pt. Max continuous working voltage: 33VDC, 26VAC. 13in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 33VDC, 26VAC. Bulk pack. Surface mount varistor. Ag/Pd. Max continuous working voltage: 33VDC, 26VAC. 7in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 33VDC, 26VAC. 13in diameter reel. Surface mount varistor. Nickel barrier. Max continuous working voltage: 9VDC, 6.5VAC. 7in diameter reel. Surface mount varistor. Nickel barrier. Max continuous working voltage: 18VDC, 14VAC. 7in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 5.5VDC, 4.0VAC. 7in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 3.5VDC, 2.5VAC. 7in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 48VDC, 40VAC. 7in diameter reel. Multilayer Transient Voltage Surge Suppressors Surface mount varistor. Ag/Pt. Max continuous working voltage: 3.5VDC, 2.5VAC. Bulk pack. Surface mount varistor. Ag/Pt. Max continuous working voltage: 3.5VDC, 2.5VAC. 13in diameter reel.
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|