PART |
Description |
Maker |
MBRS540T3 MBRS540T3G |
SCHOTTKY BARRIER RECTIFIER 5.0 AMPERES 40 VOLTS 5 A, 40 V, SILICON, RECTIFIER DIODE 5A 40V Schottky rectifier in SMC
|
ONSEMI[ON Semiconductor]
|
MBRS230LT305 MBRS230LT3G |
2A 30V Low Vf Schottky Rectifier; Package: SMB; No of Pins: 2; Container: Tape and Reel; Qty per Container: 2500 2 A, 30 V, SILICON, RECTIFIER DIODE Surface Mount Schottky Power Rectifier
|
ON Semiconductor
|
30WQ10F 30WQ09F |
90V 3.3A Schottky Discrete Diode in a D-Pak package SCHOTTKY RECTIFIER 3.3 Amp 3.3 Amp Schottky Rectifier(3.3 A 肖特基整流器)
|
IRF[International Rectifier]
|
U2JC44 U2BC44 U2GC44 |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE GENERAL PURPOSE RECTIFIER APPLICATIONS TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
CRSH3 CRSH3-2 CRSH3-3 CRSH3-4 CRSH3-5 CRSH3-6 |
Leaded Rectifier Schottky SCHOTTKY BARRIER RECTIFIER 3.0 AMPS, 20 THRU 60 VOLTS
|
Central Semiconductor Corp
|
WP05R WP05R24D05 WP05R24D12 WP05R24D15 WP05R24S03 |
5 Watt Regulated Small Package DC/DC Converter 5 WATT UNREGULATED SMALL PACKAGE DC/DC CONVERTER RECTIFIER SCHOTTKY SINGLE 1A 20V 22A-Ifsm 0.36Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 30V 33A-Ifsm 0.42Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 20V 40A-Ifsm 0.42Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 30V 75A-Ifsm 0.45Vf 0.2A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 1A 40V 50A-Ifsm 0.55Vf 0.5A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 1A 60V 50A-Ifsm 0.5Vf 0.1A-IR PowerDI-123 3K/REEL
|
CANDD[C&D Technologies]
|
75SLQ045 75SLQ045-15 |
75V 45A Hi-Rel Schottky Discrete Diode in a SMD-1 package SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 75 A, 45 V, SILICON, RECTIFIER DIODE
|
IRF[International Rectifier]
|
20CLQ045 20CLQ045PBF |
20 A, 45 V, SILICON, RECTIFIER DIODE SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 20A 45V Hi-Rel Schottky Common Cathode Diode in a SMD-1 package
|
IRF[International Rectifier]
|
DSSK30-01A IXYSCORP-DSSK30-01A |
Power Schottky Rectifier with common cathode 15 A, 100 V, SILICON, RECTIFIER DIODE, TO-247AD Silicon Schottky Diodes
|
IXYS, Corp. IXYS Corporation
|
SD1060CT SD10100CT SD1080CT SD1020CT SD1030CT SD10 |
(SD1020CT - SD10100CT) SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes)
|
PanJit International Inc. PANJIT[Pan Jit International Inc.]
|