PART |
Description |
Maker |
SSR2010CT |
20 AMP 100 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER 20 A, 100 V, SILICON, RECTIFIER DIODE
|
Solid State Devices, Inc. SSDI[Solid States Devices, Inc]
|
CBR1-D100 CBR1-D010 CBR1-D020 CBR1-D040 CBR1-D060 |
SILICON BRIDGE RECTIFIER 1AMP, 100 THRU 1000 VOLTS 1 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE SILICON BRIDGE RECTIFIER 1AMP, 100 THRU 1000 VOLTS 1 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE SILICON BRIDGE RECTIFIER 1AMP, 100 THRU 1000 VOLTS 1 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE From old datasheet system Leaded Bridge Rectifier General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
R720366XXWA R5010210XXWA R9G00822XXWA R9G00622XXWA |
600 A, 3600 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 2200 A, 800 V, SILICON, RECTIFIER DIODE 2200 A, 600 V, SILICON, RECTIFIER DIODE 2200 A, 400 V, SILICON, RECTIFIER DIODE 450 A, 150 V, SILICON, RECTIFIER DIODE 550 A, 50 V, SILICON, RECTIFIER DIODE 550 A, 150 V, SILICON, RECTIFIER DIODE 2500 A, 1300 V, SILICON, RECTIFIER DIODE 300 A, 900 V, SILICON, RECTIFIER DIODE 1800 A, 200 V, SILICON, RECTIFIER DIODE 1200 A, 3100 V, SILICON, RECTIFIER DIODE 2000 A, 2300 V, SILICON, RECTIFIER DIODE 3600 A, 2300 V, SILICON, RECTIFIER DIODE 100 A, 150 V, SILICON, RECTIFIER DIODE
|
POWEREX INC
|
CMSH2-20-1 CMSH2-40 CMSH2-100 CMSH2-60 CMSH2-20 |
SCHOTTKY BARRIER RECTIFIER 2.0 AMP, 20 THRU 100 VOLTS 2 A, 100 V, SILICON, RECTIFIER DIODE SCHOTTKY BARRIER RECTIFIER 2.0 AMP, 20 THRU 100 VOLTS 肖特基整.0安培0100伏特
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
130HF20PBF 100HF60PBF 100HFR100 100HFR100FPBF R18S |
130 A, 200 V, SILICON, RECTIFIER DIODE, DO-205AC 100 A, 600 V, SILICON, RECTIFIER DIODE, DO-205AC 100 A, 1000 V, SILICON, RECTIFIER DIODE, DO-205AC 190 A, 800 V, SILICON, RECTIFIER DIODE, DO-205AA
|
|
SDR951S1 SDR950S1 |
60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier 60 A, 150 V, SILICON, RECTIFIER DIODE 60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier 60 A, 100 V, SILICON, RECTIFIER DIODE
|
Solid State Devices, Inc. SOLID STATE DEVICES INC
|
SDR9102PHC SDR9100PHC SDR9101PHC |
100 AMP 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
|
SSDI[Solid States Devices, Inc]
|
1N1301 1N2283 1N4526 1N1196A 1N1196 1N2021 1N1192A |
Standard Rectifier (trr more than 500ns) (1N2xxx) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 200 V, SILICON, RECTIFIER DIODE, DO-203AB (1N4525 - 1N4529) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 100 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 350 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 300 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 400 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
SSR1008M SSR1008M1 SSR1009 SSR1010 SSR1008Z RS0205 |
10 AMPS 80 - 100 VOLTS SCHOTTKY RECTIFIER 10 A, 80 V, SILICON, RECTIFIER DIODE, TO-254AA
|
Solid State Devices, Inc. Solid States Devices, Inc
|
SB2H100-E3-54 SB2H100-E3-73 SB2H100HE3-54 SB2H100H |
High-Voltage Schottky Rectifier 2 A, 100 V, SILICON, RECTIFIER DIODE, DO-204AC
|
Vishay Siliconix VISHAY SEMICONDUCTORS
|
MBR1640FCT |
16 Amp Schottky Rectifier 20-100 Volts 16 A, 40 V, SILICON, RECTIFIER DIODE, TO-220AB
|
Micro Commercial Components, Corp.
|
|