PART |
Description |
Maker |
PL-KP2-00-000-04 PL-KP2-00-000-21 |
RoHS-Compliant Small Form Factor Pluggable Press-Fit Cage
|
JDS Uniphase Corporation
|
PL-KP2-00-000-16 |
RoHS-Compliant Small Form Factor Pluggable Press-Fit Cage, 2.19 mm Pin Length
|
JDS Uniphase Corporation
|
HFBR-5710L HFBR-5710LP HFBR-0571 |
HFBR-0571 · Evaluation Kit for Small Form Factor Pluggable (SFP) Gigabit Ethernet and Fibre Channel Applications HFBR-5710L · 1.25 GBd MMF Small Form Factor Pluggable (SFP) Transceiver for Gigabit Ethernet: Standard delatch HFBR-5710LP · 1.25 GBd MMF Small Form Factor Pluggable (SFP) Transceiver for Gigabit Ethernet: Bail-wire delatch Small Form Factor Pluggable Optical Transceiver for Gigabit
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
ALQ324 ALQ109 ALQ106 ALQ105 ALQ118 ALQ112 ALQ124 A |
1 Form A/1 Form C 10A Small power relays
|
Panasonic Semiconductor
|
V23818-N15-L356 V23818-N15-L356-C V23818-M305-L57 |
Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LCConnector Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC Connector/ with Collar Transceivers by Form-factor MSA - Multimode 850nm VCSEL TRX Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC Connector SMALL FORM FACTOR MULTIMODE 850 NM 2.125 AND 1.0625 GBD FIBRE CHANNEL 2X5 TRANSCEIVER WITH LC⒙ CONNECTOR Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC Connector
|
Infineon Technologies AG
|
V23818-H308-L57 |
Small Form Factor Multimode 850 nm 622 Mbit/s OC-12 Transceiver with LCConnector 纤巧多模850纳米622兆比秒的OC - 12收发器连接器会⑩ Small Form Factor Multimode 850 nm 622 Mbit/s OC-12 Transceiver with LC⑩ Connector Small Form Factor Multimode 850 nm 622 Mbit/s OC-12 Transceiver with LC Connector
|
Infineon Technologies AG
|
V23818-K305-L17 V23818-K305-L55 V23818-K305-L57 V2 |
Transceivers by Form-factor MSA - Multimode 850nm VCSEL TRX, (AC/AC coupling), 1.25 GBit/s LC, 2x5, 3.3V Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC Connector Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC⑩ Connector SMALL FORM FACTOR MULTIMODE 850 NM 1.0625 GBD FIBRE CHANNEL 1.25 GIGABIT ETHERNET TRANSCEIVER 2X5 PINNING WITH LC⒙ CONNECTOR Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LCConnector
|
Infineon Technologies AG
|
ARX1103 ARX1106 ARX1109 ARX1112 ARX1124 RX-RELAYS |
RX-relay. Small micro wave relay. 1 form C. 1 coil latching type. Nominal voltage 4.5 V DC. RX-relay. Small micro wave relay. 1 form C. 1 coil latching type. Nominal voltage 12 V DC. RX-relay. Small micro wave relay. 1 form C. 1 coil latching type. Nominal voltage 6 V DC. RX-relay. Small micro wave relay. 1 form C. Single side stable type. Nominal voltage 4.5 V DC. RX-relay. Small micro wave relay. 1 form C. Single side stable type. Nominal voltage 12 V DC. RX-relay. Small micro wave relay. 1 form C. Single side stable type. Nominal voltage 6 V DC. RX-relay. Small micro wave relay. 1 form C. 2 coil latching type. Nominal voltage 3 V DC. RX-relay. Small micro wave relay. 1 form C. 2 coil latching type. Nominal voltage 4.5 V DC. RX-relay. Small micro wave relay. 1 form C. 2 coil latching type. Nominal voltage 24 V DC. RX-relay. Small micro wave relay. 1 form C. 2 coil latching type. Nominal voltage 12 V DC. RX-relay. Small micro wave relay. 1 form C. 2 coil latching type. Nominal voltage 9 V DC. RX-relay. Small micro wave relay. 1 form C. 2 coil latching type. Nominal voltage 6 V DC. RX-relay. Small micro wave relay. 1 form C. Single side stable type. Nominal voltage 3 V DC. RX-relay. Small micro wave relay. 1 form C. Single side stable type. Nominal voltage 9 V DC. RX-relay. Small micro wave relay. 1 form C. Single side stable type. Nominal voltage 24 V DC. RX-relay. Small micro wave relay. 1 form C. 1 coil latching type. Nominal voltage 3 V DC. RX-relay. Small micro wave relay. 1 form C. 1 coil latching type. Nominal voltage 9 V DC. RX-relay. Small micro wave relay. 1 form C. 1 coil latching type. Nominal voltage 24 V DC.
|
Matsushita Electric Works(Nais) Nais(Matsushita Electric Works)
|
V23818-C18-L35 V23818-C18-L36 V23818-C18-L49 V2381 |
Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LCConnector 纤巧单模1300波长多速率高达155 Mbit / s的收发器LC连接x5钢钉 Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LCConnector 纤巧单模1300波长多速率高达155 Mbit / s的收发器的LC连接x5钢钉 Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LC Connector
|
Infineon Technologies AG
|
AFCT-5963ATLZ |
Single Mode Laser Small Form Factor Transceivers
|
AVAGO TECHNOLOGIES LIMI...
|
SFP-FXS-LC-30 SFP-GLX-LC-20 SFP-GLX-LC-40 SFP-FXM- |
Small Form-factor Pluggable (SFP) Transceiver Modules
|
Advantech Co., Ltd.
|
0768710008 |
Quad Small Form-factor Pluggable Plus (QSFP) Assembly
|
Molex Electronics Ltd.
|