PART |
Description |
Maker |
RF3-05-T-00-75-G-HT |
RF CONNECTOR SMB FEMALE
|
Adam Technologies, Inc.
|
KF63C08-8R04-4Y |
CABLE TERMINATED, FEMALE, SMB CONNECTOR, JACK
|
HON HAI PRECISION INDUSTRY CO LTD
|
1046280-1 |
BOARD TERMINATED, FEMALE, SMB CONNECTOR, SOLDER, JACK
|
|
B51-328-3188220 |
CABLE TERMINATED, FEMALE, SMB CONNECTOR, CRIMP, PLUG
|
ITT CANNON
|
MIC29201-12BT MIC29201-12BU MIC29201-3.3BM MIC2920 |
ADAPTOR, TNC FEMALE-FEMALE; Connector type A:TNC Female; Connector type B:TNC Female; Material, contact:Beryllium Copper; Plating, contact:Gold over Nickel; Impedance:50R RoHS Compliant: Yes ADAPTOR, TNC JACK-JACK; Connector type A:TNC Female; Connector type B:TNC Female; Impedance:50R RoHS Compliant: Yes Replaced by PTN78060H : 400mA Low-Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PSSO5 400mA Low-Dropout Voltage Regulator 4.85 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, SFM5 400mA Low-Dropout Voltage Regulator 1.24 V-26 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.75 V DROPOUT, SFM5
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc. MICREL INC
|
120-964-435 |
DIN 41612 PCB Connector; Number of Contacts:64; Number of Rows:3; Pitch Spacing:0.1"; Mounting Type:PC Board Thru Hole; Body Style:Straight; Gender:Female 64 CONTACT(S), FEMALE, TWO PART EURO CONNECTOR, IDC
|
ITW Pancon
|
1026855G3PC D1026855G3PC 1026855G3PL D1026855G3PL |
3M Mini D Ribbon (MDR) Connectors 14 CONTACT(S), FEMALE, OTHER D TYPE CONNECTOR, SOLDER, RECEPTACLE 20 CONTACT(S), FEMALE, OTHER D TYPE CONNECTOR, SOLDER, RECEPTACLE
|
3M Electronics 3M ELECTRONIC PRODUCTS DIVISION
|
50736-F501 50736-F223 50736-H695 50736-F745 50736- |
200 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 88 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 276 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 296 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 236 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 260 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 128 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 220 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 160 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 280 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 68 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 228 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 232 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 180 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 316 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 40 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE
|
|
R124464000 R124426123 R124553120 R124553123 |
PANEL MOUNT, FEMALE, SMA CONNECTOR, RECEPTACLE JACK, SMA, PCB, STRAIGHT; Connector type:SMA, Coaxial; Impedance:50R; Material, contact:Brass; Plating, contact:Gold over Nickel; Body style:Straight Jack; Termination method:Solder; Mounting type:PC Board; Insulation RoHS Compliant: Yes PANEL MOUNT, BOARD TERMINATED, FEMALE, SMA CONNECTOR, SOLDER, RECEPTACLE
|
RADIALL S A
|
22-02-3073 22-02-3043 22-02-3113 22-02-3133 22-02- |
2.54 FFC ST L/PR CON 7CKT 522907CPB 7 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER, RECEPTACLE PC Board Connector; Number of Contacts:4; Pitch Spacing:2.54mm; Number of Rows:1; Mounting Type:Thru-Hole; Current Rating:1A; Voltage Rating:200V 4 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER, RECEPTACLE 11CKT FFC ST CONN ASSY 522911CPB 11 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER, RECEPTACLE PC Board Connector; Number of Contacts:13; Pitch Spacing:2.54mm; Number of Rows:1; Mounting Type:Thru-Hole; Current Rating:1A; Voltage Rating:200V 13 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER, RECEPTACLE 2.54 FFC ST L/PR CON 10CK 522910CPB 10 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER, RECEPTACLE 2.54 FFC ST L/PR CON 20CK 522920CPB 20 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER, RECEPTACLE 22023033 3 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER, RECEPTACLE 22CKT FFC ST. CONN ASSY 522922CPB
|
Molex, Inc. MOLEX INC
|
87369-0300 89400-0520 87369-1300 87369-0900 89400- |
Header Connector,Cable Mnt,PLUG,3 Contacts,0.079 Pitch RoHS Compliant: Yes 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Header; No. of Contacts:5; Pitch Spacing:2mm; No. of Rows:5; Series:89400; Connector Body Material:Thermoplastic; Mounting Type:PC Board; Terminal Type:Straight Pin 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2mm WtB Rcpt Hsg Nyl Nat 13Ckt 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 873690900 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 2MM W/B STR HDR 894000920 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2MM W/B STR HDR 894001520 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2mm WtB Rcpt Hsg Nyl Nat 11Ckt 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 2.00MM HDER W/B STRAIGHT 894000611 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
|