PART |
Description |
Maker |
PC118 |
Mina ture 4 pole 5 Amp General Purpose Relay
|
Picker Components
|
S760BK |
MINIA TURE LOCKING POWER PLUGS
|
Switchcraft, Inc.
|
PE9424 |
SMA MALE TO D SUBMINIA TURE RECEPTACLE
|
Pasternack Enterprises, Inc.
|
MOS6020-472MXC MOS6020-472MXD MOS6020-472MXB MOS60 |
1 ELEMENT, 4.7 uH, GENERAL PURPOSE INDUCTOR, SMD OBSOLETE when inventory is depleted. Change 'X' to 'L' for new RoHS part number. Terminals never contained lead. 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 470 uH, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc. COILCRAFT INC
|
81006222A |
CMOS Analog Switches; Temperature Range: -55°C to 125°C; Package: 20-CLCC SGL POLE DOUBLE THROW SWITCH
|
Intersil, Corp.
|
ADG1633 ADG1633BCPZ-REEL7 ADG1633BRUZ ADG1633BRUZ- |
4.5Ω RON, Triple/Quad SPDT ±5 V, 12 V, 5 V, and 3.3 V Switches; Package: 16-pin; Temperature Range: -40°C to 125°C TRIPLE 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO16 4.5Ω RON, Triple/Quad SPDT ±5 V, 12 V, 5 V, and 3.3 V Switches; Package: 20-TSSOP (4.4mm); Temperature Range: -40°C to 125°C QUAD 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO20 4.5 Ω RON, Triple/Quad SPDT ±5 V, 12 V, 5 V, and 3.3 V Switches 4.5 楼? RON, Triple/Quad SPDT 隆戮5 V, 12 V, 5 V, and 3.3 V Switches
|
Analog Devices, Inc.
|
OE2050HO OE2050KO OE1900MO OE1900HO OE1900AO OE190 |
GENERAL PURPOSE ?DOUBLE POLE
|
Cherry Semiconductor Corporation Cherry Semiconductor Co...
|
MSS1038-684NLC MSS1038-564NTC MSS1038-564NSC MSS10 |
OBSOLETE when inventory is depleted. 30% tolerance no longer offered. Change 'N' to 'K' for 10% tolerance. 1 ELEMENT, 680 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 560 uH, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc. COILCRAFT INC
|
E20-00M0 E20-00A0 E20-00H0 E20-50H0 |
Snap Action Switch Double Pole General Purpose
|
Cherry Semiconductor Co...
|
HI4-0201/883 |
Dual/Quad SPST, CMOS Analog Switches; Temperature Range: -55°C to 125°C; Package: 20-LCC QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, CQCC20
|
Intersil, Corp.
|
|