PART |
Description |
Maker |
P94506I |
Serial ATA (SATA) Power Adapter Extender Cable (4pin-4pin plus 15pin SATA), 6-in
|
Tripp Lite. All Rights ...
|
SIL3811 |
Serial ATA to Parallel ATA Module
|
ETC
|
68782-0001 0687820001 |
External Serial ATA-to-External Serial ATA Cable Assembly, Straight Overmold, 1.0m (3.28 ) Cable Length
|
Molex Electronics Ltd.
|
SD453N12S20MC SD453N12S20MSC SD453N12S20MTC SD453N |
1200V Fast Recovery Diode in a B-8 package 2500V Fast Recovery Diode in a B-8 package Serial Cable Assembly; Connector Type A:Straight SATA Plug; Connector Type B:Right Angle SATA Plug; Cable Length:0.5m; Current Rating:1.5A; No. of Contacts:7 RoHS Compliant: Yes Serial Cable Assembly; Connector Type A:Straight SATA Plug; Connector Type B:Right Angle SATA Plug; Cable Length:0.5m; Current Rating:1.5A; Number of Contacts:7 Serial Cable Assembly; Connector Type A:Straight SATA Plug; Connector Type B:Straight SATA Plug; Cable Length:0.5m; Current Rating:1.5A; No. of Contacts:7 RoHS Compliant: Yes FAST RECOVERY DIODES 快速恢复二极管 ATTACH TAPE ACRYLIC 1/2X20YD 快速恢复二极管
|
IRF[International Rectifier] International Rectifier, Corp.
|
47662-1000 0476621000 |
1.27mm (.050") Pitch Removable Interposer for Dual-Piece Slimline Serial ATA Connector Assembly, Right Angle, Through Hole, Gold (Au) Flash Plating, Leadfree 1.27mm (.050) Pitch Removable Interposer for Dual-Piece Slimline Serial ATA Connector Assembly, Right Angle, Through Hole, Gold (Au) Flash Plating, Leadfree
|
Molex Electronics Ltd.
|
0675810011 67581-0011 |
1.27mm (.050") Pitch Serial ATA Crimp Terminal for Power Cable Receptacle, 0.76渭m(30渭") Gold (Au) Plating, with Reel Direction - Type 2, Lead free 1.27mm (.050) Pitch Serial ATA Crimp Terminal for Power Cable Receptacle, 0.76μm(30μ) Gold (Au) Plating, with Reel Direction - Type 2, Lead free
|
Molex Electronics Ltd.
|
0887511310 |
1.27mm (.050) Pitch Serial ATA Power Adapter, 0.152m (6.00) Length, Crimping Type, Gold Flash, 5V 12V, Leadfree
|
Molex Electronics Ltd.
|
67926-0021 0679260021 |
3.81mm (.150) Pitch Serial ATA IDT Power Receptacle, Gold (Au) Flash, 18AWG, withLatch, with Bump, Lead free
|
Molex Electronics Ltd.
|
0679260312 67926-0312 |
3.81mm (.150) Pitch Serial ATA IDT Power Receptacle, 0.76mm (30m) Gold (Au)Plating, 20AWG, without Latch, with Bump, Lead free
|
Molex Electronics Ltd.
|
0685610018 68561-0018 |
1.27mm (.050) Pitch Serial ATA IDT Power Latching Adapter Cable Assembly, 0.152m(6.00) Length, Gold Flash, 5V 12V, Leadfree
|
Molex Electronics Ltd.
|
|