PART |
Description |
Maker |
LNJ816C8DRU |
High Accuracy anyCAP® 100 mA Low Dropout Linear Regulator SINGLE COLOR LED, ORANGE, 1.2 mm
|
Panasonic, Corp.
|
AP1116Y50LA AP1116Y50L AP1116Y33A AP1116 AP1116Y A |
0.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator VOLTAGE REG POS 5V 100MA TO-92
|
ETC[ETC] ANACHIP[Anachip Corp]
|
AN80P52RSP AN80P22RSP AN80P20RSP AN80P32RSP AN80P1 |
Dual, 16-Bit nanoDAC® with 5 ppm/°C On-Chip Reference, I2C® Interface; Package: MSOP; No of Pins: 10; Temperature Range: TBD Dual, 16-Bit nanoDAC® with 5 ppm/°C On-Chip Reference, I2C® Interface; Package: MSOP; No of Pins: 10; Temperature Range: Industrial Dual, 16-Bit nanoDAC® with I2C® Interface; Package: MSOP; No of Pins: 10; Temperature Range: TBD Dual, 16-Bit nanoDAC® with 5 ppm/°C On-Chip Reference, I2C® Interface; Package: LFCSP (3x3mm); No of Pins: 10; Temperature Range: TBD 5-pin, low dropout voltage regulator with standby function (1 A type) 3.6 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO4
|
Panasonic Corporation Panasonic, Corp.
|
SPX3940AM3-1.8 SPX3940AM3-5.0 SPX3940AT-1.8 SPX394 |
3.3 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDSO4 1A LOW DROPOUT VOLTAGE REGULATOR FIXED OUTPUT, FAST RESPONSE 1A Low Dropout Voltage Regulator, 2% 1A Low Dropout Voltage Regulator, 1%
|
EXAR CORP SIPEX[Sipex Corporation]
|
LP2951ACD-3.3G LP2951ACD-3.3R2G LP2951ACN-3.3G LP2 |
100 mA, Low Power Low Dropout Voltage Regulator
|
ON Semiconductor
|
LP2950-D |
100 mA, Low Power Low Dropout Voltage Regulator
|
ON Semiconductor
|
ADP3309 ADP3309ART-27 ADP3309ART-285 ADP3309ART-29 |
anyCAP?/a> 100 mA Low Dropout Linear Regulator anyCAP⑩ 100 mA Low Dropout Linear Regulator anyCAP 100 mA Low Dropout Linear Regulator anyCAP100 mA Low Dropout Linear Regulator anyCAP00 mA时低压差线性稳压器
|
AD[Analog Devices] Analog Devices, Inc.
|
LP2950AS LP2950AS-3.0 LP2950AS-3.3 LP2950AS-5.0 LP |
100 mA Low Dropout Voltage Regulators
|
Sipex Corporation
|
SPX1585 SPX1585AT SPX1585AT-1.5 SPX1585AT-2.5 SPX1 |
5A Low Dropout Voltage Regulator, 2% 5A Low Dropout Voltage Regulator, 1% 5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
|
SIPEX[Sipex Corporation]
|
NCV4949APDR2G |
100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
|
ON Semiconductor
|