PART |
Description |
Maker |
MC74HCT00AD MC74HCT00AN MC54_74HCT00A MC54HCT74AJ |
Quad 2-Input NAND Gate with LSTTL-Compatible Inputs QUAD 2-INPUT NAND GATE WITH LSTTL-COMPATLBLE INPUTS From old datasheet system
|
Motorola, Inc ON Semi MOTOROLA[Motorola Inc]
|
MC74VHC1GT02 MC74VHC1GT02-D |
Single 2 Input NOR Gate TTL Level Single 2-Input NOR Gate/ CMOS Logic Level Shifter with LSTTL Compatible Inputs
|
ON Semiconductor
|
MC74VHC1GT00 MC74VHC1GT00-D MC74VHC1GT00DF1G MC74V |
Single 2 Input NAND Gate TTL level Single 2-Input NAND Gate/ CMOS Logic Level Shifter with LSTTL - Compatible Inputs
|
ON Semiconductor
|
L74VHC1GT02DTT1 L74VHC1GT02DFT4 L74VHC1GT02DFT1 L7 |
2-Input NOR Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
|
Leshan Radio Company
|
MC74VHC1GT86 MC74VHC1GT86DFT1 MC74VHC1GT86DFT2 MC7 |
2-Input Exclusive OR Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
|
E-Tech Electronics LTD
|
74ABT08N 74ABT08 74ABT08PWDH 74ABT08D 74ABT08DB 74 |
Quad 2-input AND gate - Description: Quad 2-Input AND Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -15/ 20 mA ; Propagation delay: 2.4 ns; Voltage: 4.5-5.5 V ABT SERIES, QUAD 2-INPUT AND GATE, PDSO14 Quad 2-input AND gate 输入与门 From old datasheet system Quad 2-input AND gate(输入与门)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
HCF4082 HCF4082M013TR |
4000/14000/40000 SERIES, DUAL 4-INPUT AND GATE, PDSO14 SOP-14 4 INPUT AND GATE 4 INPUT AND GATE
|
Vishay Intertechnology, Inc. STMicroelectronics ST Microelectronics
|
ACS21MS 5962F9862901V9A 5962F9862901VCC 5962F98629 |
AC SERIES, DUAL 4-INPUT AND GATE, UUC14 Radiation Hardened Dual 4-Input AND Gate AC SERIES, DUAL 4-INPUT AND GATE, CDIP14 Quadruple Bus Buffer Gate With 3-State Outputs 14-SOIC 0 to 70
|
Intersil, Corp. Intersil Corporation
|
74LCX27SJ 74LCX27 74LCX27MTC 74LCX27M 74LCX27MTCX |
Triple 3-input NOR Gate LVC/LCX/Z SERIES, TRIPLE 3-INPUT NOR GATE, PDSO14 From old datasheet system Low Voltage Triple 3-Input NOR Gate with 5V Tolerant Inputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MC100EP80906 MC100EP809FAG MC100EPT2106 MC74VHCT02 |
Inverting Octal Bus Buffer; Package: SOEIAJ-20; No of Pins: 20; Container: Rail; Qty per Container: 40 AHCT/VHCT SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 PNP DIGITAL TRANSISTOR (BULT-IN RESISTORS) 3.3V ECL Programmable Delay Chip with FTUNE 5V ECL 8-Bit Scannable Register 3.3V ECL Phase?Frequency Detector Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?Compatible Inputs Octal D?Type Flip?Flop with 3?State Output Octal D?Type Latch with 3?State Output 8?Bit Addressable Latch/1?of?8 Decoder CMOS Logic Level Shifter with LSTTL?Compatible Inputs Octal Bus Transceiver Quad 2?Channel Multiplexer Hex Schmitt Inverter Dual 2?to?4 Decoder/ Demultiplexer 3?to?8 Line Decoder Quad 2?Input NAND Schmitt Trigger Quad 2?Input AND Gate Hex Inverter Quad 2?Input NOR Gate 3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator 3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
|
ONSEMI[ON Semiconductor] UTC
|
74HC00 74HC00DR2G 74HC00DTR2G |
Quad 2-Input NAND Gate; Package: TSSOP-14; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 HC/UH SERIES, QUAD 2-INPUT NAND GATE, PDSO14 Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
|
ON Semiconductor
|