PART |
Description |
Maker |
M74VHC1GT04DFT1G |
Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter AHC/VHC SERIES, 1-INPUT INVERT GATE, PDSO5
|
ON Semiconductor
|
MC74VHC1GT04-D |
Inverting Buffer / CMOS Logic Level Shifter with LSTTL Compatible Inputs
|
ON Semiconductor
|
BC846W BC847CW BC849W BC850W BC847BW BC848BW BC848 |
High Speed CMOS Logic Inverting Octal Buffer/Line Drivers with 3-State Outputs 20-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 SURFACE MOUNT SI-EPITAXIAL PLANARTRANSISTORS
|
Infineon Technologies AG Diotec Semiconductor AG DIOTEC[Diotec Semiconductor]
|
MM74HC540 MM74HC540MTC MM74HC540N MM74HC540SJ MM74 |
Inverting Octal 3-STATE Buffers Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer 1.5 A, 260 kHz Low Voltage Buck Regulators with External Bias; Package: DFN18 6x5, 0.5p; No of Pins: 18; Container: Tape and Reel; Qty per Container: 2500 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
74LVT240 74LVT240D 74LVT240DB 74LVT240PW 74LVT240P |
ABT octal inverting buffer (3-State) - Description: 3.3V Buffer/Line Driver; Inverting (3-State) ; Logic switching levels: TTL ; Number of pins: 20 ; Output drive capability: -32/ 64 mA ; Propagation delay: 2.5@3.3V ns; Voltage: 2.7-3.6 V From old datasheet system ABT octal inverting buffer 3-State Octal Buffers And Line Drivers With 3-State Outputs 20-PDIP -40 to 85 LVT SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDSO20
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
BC846-BC850 Q62702-C1746 Q62702-C1772 Q62702-C1885 |
From old datasheet system NPN Silicon AF Transistors (For AF input stages and driver applications High current gain) High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-SOIC -55 to 125 High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
BL-B3141 BL-B2441 BL-B2141 BL-BX1341 BL-B1121 BL-B |
High Speed CMOS Logic 8-Bit Shift Register with Input Storage 16-SOIC -55 to 125 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Inverting Flip-Flops with 3-State Outputs 20-PDIP -55 to 125 标准LED节能灯(圆形类型 STANDARD LED LAMPS(ROUND TYPES) 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-TSSOP -55 to 125 High Speed CMOS Logic Octal Inverting Buffers and Line Drivers with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic Octal Inverting Buffers and Line Drivers with 3-State Outputs 20-PDIP -55 to 125 TBF 5C 5#16S PIN SKT RECP High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-SOIC -55 to 125
|
?╁??′唤?????? Yellow Stone, Corp. 早安股份有限公司 YSTONE[Yellow Stone Corp]
|
AT29C020 AT29C020-10 AT29C020-10JC AT29C020-10JI A |
High Speed CMOS Logic Octal Inverting Transparent Latches with 3-State Outputs 20-PDIP -55 to 125 High Speed CMOS Logic Octal Positive-Edge-Triggered Inverting D-Type Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 256K X 8 FLASH 5V PROM, 120 ns, PDSO32 High Speed CMOS Logic Octal Non-Inverting Buffers and Line Drivers with 3-State Outputs 20-TSSOP -55 to 125 256K X 8 FLASH 5V PROM, 100 ns, PDIP32 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-PDIP -55 to 125 256K X 8 FLASH 5V PROM, 150 ns, PDIP32 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SOIC -55 to 125 256K X 8 FLASH 5V PROM, 150 ns, PDSO32 2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
BL-B4137B BL-B4137E BL-B4137M BL-B4137N BL-B9137E |
STANDARD LED LAMPS 标准LED节能 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SSOP -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-PDIP -55 to 125 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Inverting Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 RESISTOR, 10 1% 1/2W, 2010, SMD High Speed CMOS Logic 4-by-4 Register File 16-PDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-SOIC -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-SOIC -55 to 125
|
Yellow Stone, Corp. 早安股份有限公司 ETC YSTONE[Yellow Stone Corp]
|
SAB83C515A-5N18-T3 SAB80C515A-M18-T3 SAB80C515A-N1 |
8-Bit CMOS Single-Chip Microcontroller High Speed CMOS Logic Quad 2-Input Multiplexers with Non-Inverting 3-State Outputs 16-SOIC -55 to 125
|
SIEMENS AG
|
Q67120-D Q67120-C2274 |
High Speed CMOS Logic Hex Non-Inverting Buffers/Line Drivers with 3-State Outputs 16-SOIC -55 to 125 High Speed CMOS Logic 9-Bit Odd/Even Parity Generator/Checker 14-SOIC -55 to 125
|
Infineon Technologies AG
|
MC74VHC1GT05DFT1 MC74VHC1GT05DFT2 MC74VHC1GT05DFT4 |
Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs Noninverting Buffer/CMOS Logic Level Shifter Trimmer; Series:3386; Track Resistance:200ohm; Resistance Tolerance: 10%; Power Rating:0.5W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes
|
LRC[Leshan Radio Company] 乐山无线电股份有限公
|