PART |
Description |
Maker |
PEMH16 PUMH16 PEMH16-PUMH16-15 |
NPN/NPN resistor-equipped transistors; NPN-NPN resistor-equipped transistors; R1 = 22 kOhm, R2 = 47 kOhm 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR NPN/NPN resistor-equipped transistors R1 = 22 kΩ, R2 = 47 kΩ
|
NXP Semiconductors N.V.
|
PUMH13115 PEMH13-PUMH13-15 |
NPN/NPN double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages. NPN/NPN resistor-equipped transistors R1 = 4.7 k? R2 = 47 k?
|
NXP Semiconductors
|
PDTC143Z PDTC143ZE PDTC143ZEF PDTC143ZM PDTC143ZS |
NPN resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN resistor-equipped transistors; R1 = 4.7 kW R2 = 47 kW NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 47 kW
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
DTC114EMT2L DTC114EKAT146 DTC114EUAT106 DTC114EUB |
DTC114E series NPN 100mA 50V Digital Transistors NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
|
Rohm
|
2N4938 2N6502 MD2369 MD2369A MD2369B MD7003 MD7003 |
Leaded Small Signal Transistor Dual HSD 8 ROW 10 COL OPEN END BP ASSY Dual Transistors 30 mA, 40 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 500 mA, 30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 50 mA, 40 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78
|
CENTRAL[Central Semiconductor Corp] Motorola, Inc Central Corp Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
DXT2222A-13 DXT2222A |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR GREEEN, PLASTIC, SOT89-3L, 4 PIN NPN SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
PEMD14 PUMD14 PEMD14-PUMD14-15 |
NPN/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open NPN-PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = open 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = open
|
NXP Semiconductors N.V.
|
BC847C BC849B BC846B BC847B BC847A BC850B BC850C B |
NPN Silicon AF Transistors High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 高速CMOS逻辑可复位双重单稳态多谐振荡器 SOIC-16封装 工作温度55℃_125 NPN Silicon AF Transistors NPN AF硅晶体管 High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-SOIC -55 to 125 Low-Noise-Transistors - VCEO=30V; ICM=200 mA
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
2SA2022 2SC5610 |
NPN Epitaxial Planar Silicon Transistors DC/DC Converter Applications PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors TRANSISTOR,BJT,NPN,50V V(BR)CEO,7A I(C),TO-220ML From old datasheet system
|
Sanyo Semiconductor Corp SANYO[Sanyo Semicon Device]
|
|