PART |
Description |
Maker |
71226-2434 71226-0424 71226-0624 71226-1024 71226- |
24 CKT FFC CONN 712262434 24 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER 1mm FFC/FPC Str ZIF NBrb Peg 4Ckt 4 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER 712260624 6 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER FFC Conn 1MM Pitch ZIF W/PolPeg 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER CONN. 712262424 24 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER
|
Molex, Inc.
|
CES-123-01-T-S CES-150-01-T-S SLW-108-01-G-D CES-1 |
6 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET LOW PROFILE .025" SQUARE STRIPS 23 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT 50POS .100 SNGL TIN 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET .050 MICRO STRIPS 16 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 14 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Samtec, Inc. SAMTEC INC
|
10-02-1082 10-10-1116 10-10-1026 10-63-4057 |
5.08mm KK PCB Conn B/E VrB 1Sn 8Ckt 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 5CKT KK 7.92 WFAS W LOCK 509605C
|
Molex, Inc. MOLEX INC
|
CFF.1D.694.PNMV CRF.1D.694.PNFA PCA.1D.694.CNAD52Z |
FEMALE-FEMALE, RF STRAIGHT ADAPTER, PLUG FEMALE-FEMALE-MALE, RF Y ADAPTER, PLUG CABLE TERMINATED, FEMALE, RF CONNECTOR, SOCKET
|
United Chemi-Con, Inc.
|
M80-4002001 M80-4004042 |
Datamate J-Tek DIL Female Vertical 3mm PC Tail Connector, gold clip tin/lead shell, with jackscrews, 10 10-way 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
51338-0674 51338-0474 51338-0374 51338-0274 |
0.4BtB RecHsgAssyJ-BendTl 60CktEmbsTpPkg 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 0.4BtB RecHsgAssyJ-BendTl 40CktEmbsTpPkg 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 513380374 30 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE Header; No. of Contacts:20; Pitch Spacing:0.016"; No. of Rows:2; Series:SlimStack; Body Material:Liquid Crystal Polymer 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc.
|
52808-0870 52808-2070 52808-2270 52808-1470 52808- |
1.0 FFC Non ZIFSMTSTHsgAssy8CktEmbsTpPkg 8 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT 1.0 FFC NonZIFSMTSTHsgAssy20CktEmbsTpPkg 20 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT 528082270 22 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT 1.0 FFC NonZIFSMTSTHsgAssy14CktEmbsTpPkg 14 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT 1.0 FFC NonZIFSMTSTHsgAssy25CktEmbsTpPkg 25 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT 1.0 FFC Non ZIFSMTSTHsgAssy4CktEmbsTpPkg 4 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
SEAF-50-06.0-S-05-2-A-K-TR SEAF-50-08.0-L-05-1-A-K |
250 CONTACT(S), FEMALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, SOCKET 200 CONTACT(S), FEMALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, SOCKET 320 CONTACT(S), FEMALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, SOCKET 40 CONTACT(S), FEMALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, SOCKET 120 CONTACT(S), FEMALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, SOCKET 180 CONTACT(S), FEMALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, SOCKET 100 CONTACT(S), FEMALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, SOCKET
|
SAMTEC INC
|
AD-BJ77RGZ-E2-PL40 AD-BJ77RGZ-E2-CJ20 AD-BJ77Z-E2- |
FEMALE-FEMALE, RF STRAIGHT ADAPTER, JACK FEMALE-MALE, RF STRAIGHT ADAPTER, JACK-PLUG
|
Abracon, Corp.
|
22-02-3073 22-02-3043 22-02-3113 22-02-3133 22-02- |
2.54 FFC ST L/PR CON 7CKT 522907CPB 7 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER, RECEPTACLE PC Board Connector; Number of Contacts:4; Pitch Spacing:2.54mm; Number of Rows:1; Mounting Type:Thru-Hole; Current Rating:1A; Voltage Rating:200V 4 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER, RECEPTACLE 11CKT FFC ST CONN ASSY 522911CPB 11 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER, RECEPTACLE PC Board Connector; Number of Contacts:13; Pitch Spacing:2.54mm; Number of Rows:1; Mounting Type:Thru-Hole; Current Rating:1A; Voltage Rating:200V 13 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER, RECEPTACLE 2.54 FFC ST L/PR CON 10CK 522910CPB 10 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER, RECEPTACLE 2.54 FFC ST L/PR CON 20CK 522920CPB 20 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER, RECEPTACLE 22023033 3 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER, RECEPTACLE 22CKT FFC ST. CONN ASSY 522922CPB
|
Molex, Inc. MOLEX INC
|
|