PART |
Description |
Maker |
SM6009 |
Built in active discharge circuit for fast turn-off
|
Solid State Optronic
|
SM6002 |
Built in active discharge circuit for fast turn-off
|
Solid State Optronic
|
SM8030 |
Built in active discharge circuit for fast turn-off
|
Solid State Optronic
|
PSQP100 PSQP1003A PSQP1003B PSQP1003C PSQP1003D PS |
100 Watt Quad Output Built-In Active PFC Function AC/DC Switching Power Supply
|
Wall Industries,Inc.
|
PSPSP1000-12 PSPSP1000-13.5 PSPSP1000-15 PSPSP1000 |
1000 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
|
Wall Industries,Inc.
|
PSSP-500-12 PSSP-500-13.5 PSSP-500-15 PSSP-500-24 |
Single Output Up to 486 Watts Built-In Active PFC Function AC/DC Switching Power Supply
|
Wall Industries,Inc.
|
DRM-24V80W1PN |
Built-in active PFC and up to 90% efficiency
|
Delta Electronics, Inc.
|
R1140Q R1140Q151D-TL R1140Q281D-TL R1140Q151D-TR R |
120mA LDO regulator IC. Output voltage 3.8V. Mask option without auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.8V. Mask option with auto discharge function at OFF state. Taping type TL. CAPACITOR, CASE S, 1UF, 35V; Application:Solid; Capacitance:1uF; Tolerance, capacitance:10%; Series:TAJ; Voltage, rating:35V; Capacitor dielectric type:Tantalum Electrolytic; Case style:S; Current, leakage:0.5uA; Depth, RoHS Compliant: Yes SC82 120mA LDO REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO4 120mA LDO regulator IC. Output voltage 3.0V. Mask option without auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.0V. Mask option without auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.0V. Mask option with auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.0V. Mask option with auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.8V. Mask option with auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.8V. Mask option without auto discharge function at OFF state. Standard taping type TR.
|
RICOH electronics devic... Ricoh Co., Ltd.
|
EP8319-RC EP8301 EP8301-RC EP8302 EP8302-RC EP8303 |
ACTIVE DELAY LINE, TRUE OUTPUT, PDIP14 14 Pin DIP 10 Tap TTL Compatible Active Delay Lines
|
PCA ELECTRONICS INC.
|
IRF9310PBF IRF9310TRPBF IRF9310PBF-15 |
HEXFET Power MOSFET Charge and Discharge Switch for Notebook PC Battery Appilcation CHARGE AND DISCHARGE SWITCH FOR NOTEBOOK PC BATTERY APPLICATION
|
International Rectifier
|
LWR-1601-6 LWN1740-6M1 LWR1740-6M1 LWN-2660-6 |
IC MPU RESET CIRC HI 3.08V SC-59 RECTIFIER FAST-RECOVERY SINGLE 1.5A 1000V 50A-ifsm 1.3V-vf 500ns 5uA-ir SMB 5K/REEL-13 398900304 DIODE, RECTIFIER, 200V, 3A
|
Power-One
|
AS1905C23-T |
150nA, push-pull Active-High; Package Type: SOT23-3; Reset Type: Active-High; Timeout Period: 100,00; Supervised Voltages (IN1): 2,32
|
Austriamicrosystems AG
|