PART |
Description |
Maker |
RQ3E070BN |
Nch 30V 7A Middle Power MOSFET
|
Rohm
|
HP8KA1 |
30V Nch Nch Power MOSFET
|
Rohm
|
FAN1086D-2.85 FAN1086S-3.3 FAN1086S-2.5 FAN1086M-2 |
Neuron ICs; Max. Input Clock: 20 MHz; EEPROM: 2 KB; RAM: 2 KB; ROM: 16 KB; Package: 32 pin SOP; External Memory I/F: No ; Sensitivity dBµmV: 93 ~ 107; Package: SSOP16; Production Status: MP FETs Nch 30VFETs Nch 30VPhase Lock Loop; Dual or Single: Single; Features: Integer - N; Power Supply V: 2.4 ~ 3.5; ImA: 4.8; Input FMHz: 700 ~ 1800; Operating Freq-MHz: 5 ~ 25; Sensitivity dBµmV: 92 ~ 107; Package: SSOP10; Production Status: MP FETs Nch 30VFETs Nch 30VFETs Nch 30VMOSFETs - Nch VDSS=30V; Surface Mount Type: Y; Package: TSSOP-8; Number Of Pins: 8; R DS On (Ω): (max 0.018) (max 0.013) (max 0.012); I_S (A): (max 6) FETs Nch 30VFETs Nch 30VFETs Nch 30VFETs Nch 30VTHREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 积极的固定电压稳压器 FETs Nch 30V<VDSS=60V; ; Package: TO-3P(N); R DS On (O): (max 0.055) (max 0.03); I_S (A): (max 45) FETs Nch 30V<VDSS=60V; Surface Mount Type: N; Package: TO-220NIS; R DS On (O): (max 0.025) (max 0.017); I_S (A): (max 45)
|
|
SSI894501 SST211-T1 SSTZ42-T1 |
QUAD LCC 60V 100 MILIOHM NCH Trans MOSFET N-CH 30V 0.05A 4-Pin(3 Tab) SOT-143 T/R SOT23 NCH JFET
|
Vishay Semiconductors
|
2SAR542PFRA |
Middle Power Transistor (-30V / -5A)
|
Rohm
|
2SAR572D |
PNP -5.0A -30V Middle Power Transistor
|
Rohm
|
2SCR542F3TL |
NPN 3.0A 30V Middle Power Transistor
|
ROHM
|
RSR025N03FRATL |
Nch 30V 2.5A Small Signal MOSFET
|
Rohm
|
RJK005N03FRA |
Nch 30V 500mA Small Signal MOSFET
|
Rohm
|
STS2DNF30L |
N-CHANNEL 30V - 0.09 ohm - 3A SO-8 STripFETPOWER MOSFET N沟道30V 0.09欧姆-A的SO - 8 STripFET⑩功率MOSFET Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET N-CHANNEL 30V - 0.09 OHM - 3A SO-8 STRIPFET POWER MOSFET N-CHANNEL 30V - 0.09 OHM - 3A SO-8 STRIPFET POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|