PART |
Description |
Maker |
KI4562DY |
PIN Configuration Drain-Source Voltage Vds 20V Gate-Source Voltage Vgs -12V
|
TY Semiconductor Co., Ltd
|
KI5902DC |
Drain-Source Voltage Vds 30V Gate-Source Voltage Vgs -20V
|
TY Semiconductor Co., Ltd
|
5N20V |
Drain-Source Voltage VDS 20 V Gate-Source Voltage VGS -12 V
|
TY Semiconductor Co., Ltd
|
ADAM-5056O ADAM-5056SO06 ADAM-5060 ADAM-5068 ADAM- |
16-channel Sink / Source Type Isolated Digital Output Module with LED
|
Advantech Co., Ltd.
|
P6MU-XXXXZH40 P6MU-0505ZH40 P6MU-053R3ZH40 P6MU-12 |
Input voltage:24V, output voltage /-7.2V ( /-69mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-3.3V ( /-150mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output 4 KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14 4千伏隔震1W的未稳压双输出DIP14
|
http:// PEAK[PEAK electronics GmbH]
|
TD62783784AP TD62783AFW TD62784AFW TD62783AP |
8CH HIGH−VOLTAGE SOURCE DRIVER 8CH HIGH-VOLTAGE SOURCE DRIVER 8CH HIGH−VOLTAGE SOURCE DRIVER 8CH HIGH .VOLTAGE SOURCE DRIVER
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
P6MU-2415EH52 P6MU-0505EH52 P6MU-0512EH52 P6MU-120 |
Input voltage:5V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:12V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output Input voltage:5V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 15V (67mA), 5.2KV isolated 1W unregulated single output Input voltage:12V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output 5.2 KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14 5.2千伏隔震1W的未稳压单输出DIP14
|
http:// PEAK[PEAK electronics GmbH]
|
MAX8540-MAX8541 MAX8541EEE MAX8540 MAX8540EEE MAX8 |
Synchronizable / High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies From old datasheet system Synchronizable. High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies 可同步,高频率,电流和电压模式PWM控制器的隔离电源 Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO16
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
ADR360 ADR361 ADR363 ADR364 ADR365 ADR366 |
Low Power, Low Noise Voltage Reference with Sink/Source Capability, 2.048 V-OUT Low Power, Low Noise Voltage Reference with Sink/Source Capability, 2.5 V-OUT Low Power, Low Noise Voltage Reference with Sink/Source Capability, 3.0 V-OUT Low Power, Low Noise Voltage Reference with Sink/Source Capability, 4.096 V-OUT Low Power, Low Noise Voltage Reference with Sink/Source Capability, 5.0 V-OUT Low Power, Low Noise Voltage Reference with Sink/Source Capability, 3.3 V-OUT
|
Analog Devices
|
PZ8GG-1515E PZ8GG PZ8GG-0505E PZ8GG-0512E PZ8GG-05 |
Input voltage:12V, output voltage 15V (100mA), 0.5KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:15V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 0.5KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 0.5KV isolated 1.5W regulated single output FERRITE CHIP 40 OHM 550MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP BEAD 80 OHM SMD 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 1000 OHM 200MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 470 OHM 250MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 120 OHM 400MA 0402 FERRITE CHIP 240 OHM 300MA 0402 FERRITE CHIP 300 OHM 250MA 0402 FERRITE CHIP 600 OHM 250MA 0402 FERRITE CHIP BEAD 600 OHM SMD PZ8GGxxxxE 0.5 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
Electronic Theatre Controls, Inc. PEAK[PEAK electronics GmbH] ETC[ETC] List of Unclassifed Manufacturers
|
P8SG-247R2E P8SG-0505E P8SG-1205E P8SG-1212E P8SG- |
Input voltage:24V, output voltage 7.2V (200mA), 1KV isolated 1.5W regulated single output 1 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|