PART |
Description |
Maker |
MSM66509 |
OLMS-66K Series 16-Bit Microcontroller
|
OKI electronic componet...
|
MSM66201 MSM66P201 MSM66P207 MSM66207 MSM66207-XXX |
OLMS-66K Series 16-Bit Microcontroller
|
OKI[OKI electronic componets] OKI electronic components
|
MSM66101 MSM66101-XXXJS |
From old datasheet system OLMS-66K Series 16-Bit Microcontroller
|
OKI[OKI electronic componets] OKI electronic components
|
FST34X2245QSP FST34X2245 |
32-Bit Bus Switch with 25-Ohm Series Resistors in Outputs 32-Bit Bus Switch with 25 Series Resistors in Outputs From old datasheet system 32-Bit Bus Switch with 25з Series Resistors in Outputs CBT/FST/QS/5C/B SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PDSO80
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FST162245 FST162245MTD FST162245MTDX |
16-Bit Bus Switch with 25 Series Resistors in Outputs 16-Bit Bus Switch with 25з Series Resistors in Outputs 16-Bit Bus Switch with 25???? Series Resistors in Outputs CBT/FST/QS/5C/B SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 6.10 MM, MO-153, TSSOP-48
|
Fairchild Semiconductor, Corp.
|
H8_3690 H8_3693 H8_3694F H8_3691 H8_3694 HD64F3694 |
(HD64xxxx Series) 16-BIT MICROCONTROLLER 16-BIT SINGLE-CHIP MICROCOMPUTER H8 FAMILY/H8/300H TINY SERIES
|
RENESAS[Renesas Electronics Corporation]
|
74LCX162373 74LCX162373GX 74LCX162373MEA 74LCX1623 |
8-Bit D-Type Latch LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26з Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Series Resistor From old datasheet system Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26-Ohm Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Ohm Series Resistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IDT49C460EJB IDT49C460DFF IDT49C460AG IDT49C460AJ |
Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:90; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 32位CMOS错误检测和纠正装置 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, CQFP68 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, CPGA68 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, PQCC68
|
Integrated Device Technology, Inc.
|
74ACTQ16540 74ACTQ16540MTD 74ACTQ16540SSC 74ACTQ16 |
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs 20 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor ACT SERIES, DUAL 8-BIT DRIVER, INVERTED OUTPUT, PDSO48 GTLP-to-LVTTL 1-to-6 Fanout Driver 24-TSSOP -40 to 85 ACT SERIES, DUAL 8-BIT DRIVER, INVERTED OUTPUT, PDSO48 Dual 8-Bit Buffer/Driver ACT SERIES, DUAL 8-BIT DRIVER, INVERTED OUTPUT, PDSO48 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ACTQ16240 74ACTQ16240MTD 74ACTQ16240SSC 74ACTQ16 |
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs From old datasheet system 20 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor Quad 4-Bit Buffer/Driver ACT SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48 GTLP-to-LVTTL 1-to-6 Fanout Driver 24-SOIC -40 to 85 ACT SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MC68602 MC6805 |
(M6800 Series) 8 Bit MPU / MCU / Peripherals 8-BIT MPUS, 8-BIT MCUS, 8-BIT PERIPHERALS
|
Motorola, Inc
|