PART |
Description |
Maker |
MJL3281A-D |
Complementary NPN-PNP Silicon Power Bipolar Transistor
|
ON Semiconductor
|
MJ3202A |
Complementary NPN-PNP silicon power bipolar transistor
|
Motorola
|
CJD42CPNP CJD41C CJD41CNPN CJD42C |
SMD Bipolar Power Transistor PNP General Purpose Amplifier/Switch COMPLEMENTARY SILICON POWER TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
CJD32C CJD31C |
SMD Bipolar Power Transistor PNP General Purpose Amplifier/Switch COMPLEMENTARY SILICON POWER TRANSISTOR From old datasheet system
|
CENTRAL[Central Semiconductor Corp]
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
MJF6668 ON2050 MJF6388 MJF6688 |
Complementary power darlington From old datasheet system COMPLEMENTARY SILICON POWER DARLINGTONS 10 AMPERES 100 VOLTS 40 WATTS
|
ONSEMI[ON Semiconductor] Motorola, Inc MOTOROLA INC
|
NTHD3100C NTHD3100CT1 NTHD3100CT1G NTHD3100CT3 NTH |
Power MOSFET Complementary, 20 V, 3.9 A/-4.4 A ChipFET™ Power MOSFET Complementary, 20 V, 3.9 A/-4.4 A ChipFET™; Package: ChipFET™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 3000 2.9 A, 20 V, 0.08 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET Power MOSFET 20V, 3.9A/4.4A, Complementary ChipFET(20V, 3.9A/4.4A功率MOSFET) Power MOSFET 20 V, 3.9 A /−4.4 A, Complementary ChipFET
|
ON Semiconductor
|
SUT465N |
Dual NPN PNP complementary Bipolar transistor
|
KODENSHI KOREA CORP.
|
BC847PN-7R-F BC847PN-13-F |
Bipolar Transistors COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
|
Diodes Incorporated
|
EN8949 |
Bipolar Transistor, (-)30V, (-)3A, Low VCE(sat) Complementary Dual MCPH6
|
ON Semiconductor
|