PART |
Description |
Maker |
MC68HC08JL3E MC68HC903KK3E MC68HC903KL3E |
(MC68HCx08xxxx) Microcontrollers (MC68HCx03xxxx) Microcontrollers
|
Freescale Semiconductor
|
AM186EMLV-40VC/W AM186EMLV-20KC/W AM186EMLV-40KI/W |
Am188EM/EMLV Microcontrollers Data Sheet High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
|
http:// Advanced Micro Devices
|
SAF-C508-4RM SAF-C508-4EMAA |
8-Bit Microcontrollers - 32-KBytes ROM, -40/85 degC 8-Bit Microcontrollers - OTP
|
Infineon
|
PIC18FXXXX PIC18LF8722-E_PT PIC18F6627 PIC18F6722 |
(PIC18Fxx2x) Enhanced Flash Microcontrollers 64/80-PIN 1-MBIT ENHANCED FLASH MICROCONTROLLERS WITH 10-BIT A/D AND NANOWATT TECHNOLOGY
|
MICROCHIP[Microchip Technology]
|
PC9S12XS64J1MALR PC9S12XS64J1VALR PC9S12XS256J1VAL |
16-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP112 20 X 20 MM, 1.40 MM HEIGHT, 0.65 MM PITCH, MS-026BFA, LQFP-112 HCS12 Microcontrollers HCS12 Microcontrollers
|
Freescale Semiconductor, Inc. Freescale Semiconductor...
|
P89LPC925FDH P89LPC924FDH P89LPC925FN P89LPC925 P8 |
P89LPC924/925; 8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter (P89LPC924 / P89LPC925) 8-bit microcontrollers
|
NXP Semiconductors Philips Semiconductors
|
P87C770 P83C370 P83C770 P83C270 P83C366BDA P83C766 |
Microcontrollers for PAL/SECAM TV with OSD and VST(OSDVST的在PAL/SECAM TV中应用的微控制器) Microcontrollers for NTSC TVs with On-Screen Display (OSD) and Closed Caption (CC)(在NTSC TV中应用的具有屏幕显示和字幕关闭特点的微控制器) 微控制器用于NTSC电视的屏幕显示(OSD)和字幕CC)的(在NTSC电视中应用的具有屏幕显示和字幕关闭特点的微控制器
|
Philips Semiconductors NXP Semiconductors N.V.
|
SAK-C164CI-8EM SAF-C164CI-8E25MD-STEP SAF-C164CI-8 |
Compact Microcontrollers for Motor-Drive applications 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 25 MHz 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K OTP, 2 K RAM, CAN, Drive Control Unit, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - ROMless, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, enh. Power Saving features, 20 MHz 48Kbyte ROM; 20 (25MHz) MHz; V(dd): -0.5to 6.5V; V(in): -0.5 to 0.5V; 10mA; 1.5W; 16-bit single chip microcontoller
|
Infineon
|
SAK-TC1765T-L40EB SAK-TC1765N-L40EB |
32-Bit Microcontrollers - incl. OCDS 2 trace port 32-Bit Microcontrollers - OCDS Level 1
|
Infineon
|
PIC16F873A-I/SO PIC16F873A-I/SP PIC16F876A PIC16F8 |
28/40-pin Enhanced FLASH Microcontrollers 28/40-pin 8-Bit CMOS FLASH Microcontrollers
|
Microchip Technology Inc.
|
C505CAROM/ROMLESSTYPES SAK-C505A-2RM SAB-C505A-4RM |
8-bit Microcontroller with Complete CAN Capability 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (16MHz)
|
Infineon
|
P83C366CBP P83C366BDR P83C266BDR |
Microcontrollers for PAL/SECAM TV with OSD and VST(OSDVST的在PAL/SECAM TV中应用的微控制器) Microcontrollers for PAL/SECAM TV with OSD and VST 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PDIP42
|
NXP Semiconductors N.V.
|