PART |
Description |
Maker |
Q62702-F1063 BFT93 |
PNP Silicon RF Transistor for broadba... PNP Silicon RF Transistor (For low distortion broadband amplifiers up to 1 GHz at collector currents from 2mA up to 20mA) UHF BAND, Si, PNP, RF SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon http://
|
MSB92T1G |
PNP Silicon General Purpose High Voltage Transistor SS SC59 HV XSTR PNP 300V 150 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
2N2696CSM 2N2696CSMG4 |
Bipolar PNP Device in a Hermetically sealed LCC1 500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 500MA I(C) | LLCC
|
Seme LAB SEMELAB LTD
|
BC327-16 BC328-16 BC327 BC327-25 BC327-40 BC328-40 |
Si-Epitaxial PlanarTransistors 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE/ SWITCHING) Amplifier Transistors(PNP) PNP general purpose transistor
|
KEC(Korea Electronics) Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Motorola Inc Philips Semiconductors
|
ZXTD1M832TC ZXTD1M832 ZXTD1M832TA |
MPPSTM Miniature Package Power Solutions DUAL 12V PNP LOW SATURATION SWITCHING TRANSISTOR 4000 mA, 12 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR Dual PNP Low Sat Transistor
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
PBSS3540M PBSS3540M315 |
40 V, 0.5 A PNP low VCEsat (BISS) transistor; Package: SOT883 (SC-101); Container: Tape reel smd 500 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 40 V. 0.5 A PNP low VCEsat (BISS) transistor
|
NXP Semiconductors N.V. Philips
|
D1103 D3232 D45D1 D43D6 D45D3 D45D5 DG189AP/883B D |
Refresh Counter TRANSISTOR | BJT | DARLINGTON | PNP | 50V V(BR)CEO | 6A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | PNP | 90V V(BR)CEO | 4A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | PNP | 70V V(BR)CEO | 6A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | PNP | 90V V(BR)CEO | 6A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | NPN | 350V V(BR)CEO | 15A I(C) | TO-3 Non-Muxed Address DRAM Muxed地址内存 Analog Switch 模拟开 Peripheral Miscellaneous 周边杂项
|
Intersil, Corp. Rochester Electronics, LLC
|
BC80725MTFNL BC80816MTF FAIRCHILDSEMICONDUCTORCORP |
PNP Epitaxial Silicon Transistor 800 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
2N381011 JANS2N3810L |
PNP SILICON DUAL TRANSISTOR PNP Dual Transistors; Package: TO-78; 50 mA, 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78
|
Microsemi Corporation Microsemi, Corp.
|
PMBT3906YS PMBT3906YS115 |
40 V, 200 mA PNP/PNP general-purpose double transistor 40 V, 200 mA PNP-PNP general-purpose double transistor 40 V, 200 mA PNP/PNP general-purpose double transistor; Package: SOT363 (SC-88); Container: Tape reel smd
|
NXP Semiconductors N.V.
|
PBSS2515VPN |
15 V low VCEsat NPN-PNP transistor 500 mA, 15 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR 15 V low VCE(sat) NPN/PNP transistor
|
NXP Semiconductors N.V.
|