PART |
Description |
Maker |
LTC3411 LTC3411EMS LTC3411EDD |
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter 2 A SWITCHING REGULATOR, 4000 kHz SWITCHING FREQ-MAX, PDSO10 1.25A/ 4MHz/ Synchronous Step-Down DC/DC Converter 4MHz, 1.25A Synchronous Step-Down DC/DC Converter 1.25A 4MHz Synchronous Step-Down DC/DC Converter
|
Linear Technology, Corp. LINER[Linear Technology]
|
LTC3417AIFE-2-PBF LTC3417AIFE-2-TRPBF LTC3417AEDHC |
Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 85°C DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO16 Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 85°C DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO20 Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LTC3417A-2 LTC3417AEFE-2-PBF LTC3417AEFE-2-TRPBF |
Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
|
Linear Technology
|
G5699 |
Dual 1.4MHz, 1A Synchronous Step-Down Regulator
|
Global Mixed-mode Techn...
|
AP3423DNTR-G1 |
1.2A, 1.4MHz, Dual Synchronous DC-DC Buck Converter
|
BCD Semiconductor Manuf...
|
LTC3417A-1 LTC3417AEDHC-1-PBF LTC3417AEDHC-1-TRPBF |
Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator with POR
|
Linear Technology
|
LTC3548AEDDPBF LTC3548AIDDPBF LTC3548AIDDTRPBF LTC |
Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
LTC4121EUD LTC4121EUD-4.2 |
400mA Synchronous Buck Battery Charger
|
Linear Technology
|
LTC3568EDD |
1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
EP5348UI-E |
400mA Synchronous Buck Regulator with Integrated Inductor
|
Enpirion, Inc.
|
LTC3412AEUF LTC3412AEUF-PBF LTC3412AEUF-TR LTC3412 |
3A, 4MHz, Monolithic Synchronous Step-Down Regulator
|
Linear Technology
|
BD90541MUV-C BD90541MUV-CE2 |
2.6V to 5.5V, 2A, 0.3MHz to 2.4MHz Synchronous Step-Down Converter
|
ROHM
|