PART |
Description |
Maker |
74LVC125A 74LVC125AS14-13 74LVC125AT14 74LVC125AT1 |
QUADRUPLE 3-STATE BUFFERS
|
Diodes Incorporated
|
74HCT125T14 74HCT125S14 74HCT125S14-13 |
QUADRUPLE 3-STATE BUFFERS OE LOW
|
Diodes Incorporated
|
74AHCT126 74AHCT126S14-13 |
QUADRUPLE 3-STATE BUFFERS OE HIGH
|
Diodes Incorporated
|
AT28C040 AT28C040-20 AT28C040-20BC AT28C040-20BI A |
Octal Buffers/Drivers With 3-State Outputs 20-SSOP -40 to 85 512K X 8 EEPROM 5V, 200 ns, CDIP32 Octal Buffers/Drivers With 3-State Outputs 20-SO -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-TVSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SOIC -40 to 85 Low-Power, Dual Supply, Level Translating CompactFlash Interface With 16-Bit Data, 11-Bit Address 114-BGA MICROSTAR -40 to 85 4-Megabit 512K x 8 Paged E2PROM
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
HER103-T3 HER103-TB HER107 HER107-T3 HER107-TB HER |
Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 1.0A HIGH EFFICIENCY RECTIFIER Quadruple 2-Input Positive-OR Gates 14-CFP -55 to 125 Hex Bus Drivers With 3-State Outputs 16-CDIP -55 to 125 Octal Bus Transceivers With 3-State Outputs 20-CDIP -55 to 125 8-Bit Addressable Latches 16-CDIP -55 to 125 Hex Bus Drivers With 3-State Outputs 20-LCCC -55 to 125 Dual 4-Bit Binary Counters 14-CFP -55 to 125 Dual 4-Input Positive-NOR Gates 20-LCCC -55 to 125 Asynchronous 12-Bit Binary Counters 16-CDIP -55 to 125 Octal D-type Transparent Latches With 3-State Outputs 20-LCCC -55 to 125 Triple 3-Input Positive-NOR Gates 14-CDIP Quadruple 2-Input Positive-OR Gates 20-LCCC -55 to 125 安培高速整流二极管
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd.
|
74LS37 HD74LS37 |
Quadruple 2-input Positive NAND Buffers
|
Hitachi Semiconductor
|
DM74ALS37A DM74ALS37AM DM74ALS37AN |
Quadruple 2-Input NAND Buffers Quadruple 2-Input NAND Buffer ALS SERIES, QUAD 2-INPUT NAND GATE, PDIP14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
4376 M27V401 M27V401-200B1TR M27V401-200B6TR M27V4 |
4 Mbit 512Kb x8 Low Voltage UV EPROM and OTP EPROM 4兆位512KB的x8低压紫外线EPROM和检察官办公室存储器 2.5-V/3.3-V 16-Bit Bus Transceiver With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 4兆位512KB的x8低压紫外线EPROM和检察官办公室存储器 2.5-V/3.3-V 32-Bit Buffers/Drivers With 3-State outputs 96-LFBGA -40 to 85 Quadruple 2-Input Positive-NAND Gates 14-SOIC 0 to 70 2.5-V/3.3-V 16-Bit Bus Transceiver With 3-State Outputs 48-TSSOP -40 to 85 4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM From old datasheet system 4 Mbit 512Kb x8 or 256Kb x16 UV EPROM and OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
HD74HC244 HD74HC244P |
Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 Octal Buffers/Line Drivers/Line Receivers(with noninverted 3-state outputs) Buffer/Driver
Octal Buffers/Line Drivers/Line Receivers (with noninverted 3-state outputs)
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
BT137S-600G BT137S BT137S-500 BT137S-500F BT137S-5 |
Octal Buffers/Drivers with 3-State Outputs 20-CDIP -55 to 125 500 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 DIODE ZENER SINGLE 300mW 20Vz 5mA-Izt 0.06 0.1uA-Ir 14 SOT-23 3K/REEL 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 DIODE ZENER SINGLE 200mW 16Vz 5mA-Izt 0.0556 0.1uA-Ir 11.2 SOT-323 3K/REEL DIODE ZENER DUAL ISOLATED 200mW 16.2Vz 5mA-Izt 0.0556 0.1uA-Ir 11.2 SOT-363 3K/REEL Octal Buffers and Line Drivers with 3-State Outputs 20-LCCC -55 to 125 Octal Buffers and Line Drivers with 3-State Outputs 20-CDIP -55 to 125 1-of-8 Decoder 20-LCCC -55 to 125 Octal Buffers/Drivers with 3-State Outputs 20-LCCC -55 to 125 Transient Voltage Suppressor Diodes Octal Buffers and Line Drivers with 3-State Outputs 20-CFP -55 to 125 Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|