PART |
Description |
Maker |
ULN2005 ULN2003 ULN2003L ULN2005A ULN2005L ULN2003 |
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS 高电压,大电流达林顿阵列 Flash Memory IC; Memory Size:64Mbit; Access Time, Tacc:90ns; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow High Voltage / High Current Darlington Transistor Arrays HIGH-VOLTAGE/ HIGH-CURRENT DARLINGTON ARRAYS (ULN2001A - ULN2005A) High Voltage / High Current Darlington Arrays 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. Sprague Electric ETC[ETC] List of Unclassifed Manufacturers VISHAY SPRAGUE
|
SCPHN20 SCPHN26 SCPHN10 SCPHN16 SCPHN30 SCPHN6 |
High Voltage,High Current,High Density Standard Recovery Rectifier(????靛?16000V锛?俯搴?5???骞冲??存??垫?5.5A,楂??锛?ぇ?垫?,楂??搴??????㈠??存??? 5.5 A, 16000 V, SILICON, RECTIFIER DIODE High Voltage,High Current,High Density Standard Recovery Rectifier(反向电压6000V,温5℃时平均整流电流5.5A,高压,大电流,高密度,标准恢复整流 STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
|
Semtech Corporation
|
LB1231 LB1233 LB1232 LB1234 |
High-Voltage, Large Current Darligton Transistor Array High-Voltage, High- Current Darlington Transistor Array PERIPHERAL DRIVER,7 DRIVER,BIPOLAR,DIP,16PIN,PLASTIC Septuple Peripheral Driver From old datasheet system High-Voltage / High- Current Darlington Transistor Array
|
SANYO[Sanyo Semicon Device] Sanyo Semiconductor Corp Sanyo Electric Co.,Ltd.
|
BY329X1500 BY329X-1500S BY329X-1500 BY329X-1500S12 |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Current, It av:8A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Damper diode fast, high-voltage Damper diode fast/ high-voltage Damper diodes fast, high-voltage - I<sub>FRM</sub>: 16 A; I<sub>O (AV)</sub>: 10 A; V<sub>RRM</sub>: 1500 V; Package: SOD113 (TO-220F); Container: Horizontal, Rail Pack
|
http:// NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MSK5115-5.0BTU MSK5115-5.0BZD MSK5115-5.0BTS MSK51 |
Adj, High current, low dropout voltage regulator HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 大电流,低降稳压 12V, High current, low dropout voltage regulator
|
Electronic Theatre Controls, Inc. M.S. Kennedy Corp.
|
29160B910JO0 29160B331JO0 29120B243JO0 29110B823JO |
Silver Mica Capacitor; Capacitance:10000pF; Capacitance Tolerance: 5%; Series:291; Voltage Rating:4000VDC; Capacitor Dielectric Material:Mica; Termination:Screw; Working Voltage, DC:4000V CAPACITOR, MICA, 0.01 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.0075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.00075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.000075 uF, CHASSIS MOUNT High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits
|
Cornell Dubilier Electronics, Inc. http:// Cornell Dubilier Electr...
|
MSK600-15 MSK600B |
Ultra Low Quiescent Current - ±15mA for High Voltage WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
|
M.S. Kennedy Corporatio... Anaren Microwave
|
LTC4000-15 |
High Voltage High Current Controller for Battery Charging and Power Management
|
Linear Technology
|
XC6405DE90MR XC6405DE91MR XC6405DE82MR XC6405DE83M |
High Current, High Speed LDO Regulators, Voltage Detector Function
|
Torex Semiconductor
|
XC6413 |
High Current, High Speed LDO Regulators, Voltage Detector Function
|
Torex Semiconductor
|
CZTA44HC10 |
SURFACE MOUNT HIGH CURRENT HIGH VOLTAGE NPN SILICON TRANSISTOR
|
Central Semiconductor Corp
|