PART |
Description |
Maker |
SBLB25L20CT-E3 SBLB25L20CTHE3 SBLB25L21CT-E3 SBLB2 |
Dual Low VF Common Cathode Schottky Rectifier
|
Vishay Siliconix http://
|
TMBRF30150CT |
Dual Common-Cathode Ultra Low VF Schottky Rectifier
|
Bruckewell Technology L...
|
DAN222 ON0275 DAN222/D |
COMMON CATHODE DUAL SWITCHING DIODE From old datasheet system COMMON CATHODE SILICON DUAL SWITCHING DIODE
|
ON Semiconductor
|
SB80W06T |
Schottky Barrier Diode 60V, 8A, Low IR, Monolithic Dual TP Common Cathode
|
ON Semiconductor
|
SBS811-TL-E |
Schottky Barrier Diode 30V, 2A, Low VF, Non-Monolithic Dual VEC8 Common Cathode
|
ON Semiconductor
|
SBS817 |
Schottky Barrier Diode, 15V, 2A, Low VF, Non-Monolithic Dual EMH8 Common Cathode
|
ON Semiconductor
|
CMXSH2-4LC |
SURFACE MOUNT DUAL PAIR, COMMON CATHODE LOW VF SILICON SCHOTTKY DIODES
|
Central Semiconductor Corp
|
614-97-391-18-101-144 517-91-391-18-101-111 517-91 |
Pin grid array sockets and carrier with interstitial contact rows Solder tail 插针网格阵列插座并与承运人间质接触焊尾行 RECTIFIER SCHOTTKY SINGLE 7.5A 50V 150A-ifsm 0.65V-vf 0.5mA-ir TO220AC 50/TUBE 插针网格阵列插座并与承运人间质接触焊尾行 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 40V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 45V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY SINGLE 7.5A 60V 150A-ifsm 0.65V-vf 0.5mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 7.5A 45V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 30V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 35V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
MBR20100CT MBR20100CT-1 MBR20090CT MBR20090CT-1 MB |
SCHOTTKY RECTIFIER 肖特基整流器 From old datasheet system RECTIFIER DIODES,COMMON CATHODE,SCHOTTKY,100V V(RRM),TO-220AB 100V 20A Schottky Common Cathode Diode in a TO-262 package 100V 20A Schottky Common Cathode Diode in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
C20T06Q-11A |
DUAL DIODES - CATHODE COMMON
|
NIEC[Nihon Inter Electronics Corporation]
|
MBRS15100CT-Y |
Dual Common Cathode Schottky Rectifier
|
Taiwan Semiconductor Co...
|