PART |
Description |
Maker |
09-0332-00-12 09-0330-00-08 09-0340-00-16 09-0320- |
EINBAUDOSE LOETANSCHLUSS 680 16POL EINBAUDOSE LOETANSCHLUSS 680 5S POL EINBAUSTECKER LOETANSCHLUSS 680 12POL EINBAUDOSE LOETANSCHLUSS 680 8POL SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits KUPPLUNG SERIE 680 5S POL EINBAUSTECKER LOETANSCHLUSS 680 7POL EINBAUDOSE LOETANSCHLUSS 680 2POL STECKER SERIE 680 7POL EINBAUSTECKER LOETANSCHLUSS 680 16POL EINBAUSTECKER LOETANSCHLUSS 680 6POL STECKER SERIE 680 12POL KUPPLUNG SERIE 680 7POL STECKER SERIE 680 5S POL SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits KUPPLUNG系列680 8POL EINBAUSTECKER LOETANSCHLUSS 680 5S POL EINBAUSTECKER LOETANSCHLUSS油料680 5 EINBAUDOSE LOETANSCHLUSS 680 12POL EINBAUDOSE LOETANSCHLUSS 680 12POL KUPPLUNG SERIE 680 12POL KUPPLUNG系列680 12POL EINBAUDOSE LOETANSCHLUSS 680 4POL EINBAUDOSE LOETANSCHLUSS 680 4POL EINBAUDOSE LOETANSCHLUSS 680 7POL
|
TE Connectivity, Ltd. ITT, Corp.
|
MD8001 MD8002 MD8003 |
NPN SILICON DUAL TRANSISTOR From old datasheet system NPN SILICON EUAL TRANSISTOR Dual Transistors
|
Central Semiconductor C... Central Semiconductor Corp Central Corp
|
2SD1419DE 2SD1419DD 2SD1419 |
Silicon NPN Transistor TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 1A I(C) | SOT-23 Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
|
Hitachi Semiconductor
|
MD918 MD918A MD918B |
NPN DUAL SILICON TRANSISTOR 50 mA, 15 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78
|
Central Semiconductor, Corp. Central Corp CENTRAL[Central Semiconductor Corp]
|
2N2060 2N2060L JANTX2N2060 JANTX2N2060L JANTXV2N20 |
NPN Dual Transistors UNITIZED DUAL NPN SILICON TRANSISTOR
|
MICROSEMI[Microsemi Corporation]
|
2N2369AU 2N2369AUA 2N2369AUB 2N4449 2N4449UA 2N444 |
NPN SILICON SWITCHING TRANSISTOR 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-206AB NPN BIPOLAR TRANSISTOR NPN Transistor
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
2N3723 2N2787 2N706B/46 2N3409 2N5188 2N3728 |
30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 1A I(C) | TO-39 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 50MA I(C) | TO-46 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 800MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 500MA I(C) | TO-5
|
SEMICOA CORP
|
BFU725F BFU725F_N1 BFU725F/N1 BFU725F-N1 BFU725FN1 |
NPN wideband silicon germanium RF transistor NPN silicon germanium microwave transistor for high speed, low noise applications in a plastic, 4-pin dual-emitter SOT343F package
|
NXP Semiconductors
|
DDC123JH DDC123JH-7 DDC114EH DDC114TH DDC114TH-7 D |
NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR 70 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR Prebiased Transistors
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
2SC2999E 2SC2999D SC2999 |
NPN Epitaxial Planar Silicon Transistor(HF Amp Applications) TRANSISTOR,BJT,NPN,20V V(BR)CEO,30MA I(C),SPAK UHF/Microwave NPN BJT From old datasheet system SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
SANYO[Sanyo Semicon Device] Sanyo Semiconductor Corp
|