PART |
Description |
Maker |
NCV33375D-2.5R2G NCV33375ST1.8T3G MC33375ST-3.0T3 |
300 mA, Low Dropout Voltage Regulator with On/Off Control 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 300 mA, Low Dropout Voltage Regulator with On/Off Control 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 300 mA, Low Dropout Voltage Regulator with On/Off Control 5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 300 mA, 1.8 V ?1% Low Dropout Voltage Reg 300 mA, Low Dropout Voltage Regulator with On/Off Control
|
ON Semiconductor
|
MIC2951-3.3YM MIC2950-05YZ MIC2950-06YZ MIC2951-03 |
150mA Low-Dropout Voltage Regulator IC REG LDO 150MA 5.0V 0.5% TO92 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3
|
Micrel Semiconductor, Inc.
|
AMS1587 AMS1587CD AMS1587CD-15 AMS1587CD-25 AMS158 |
3.3V 3A low dropout voltage regulator 5.0V 3A low dropout voltage regulator 2.5V 3A low dropout voltage regulator 2.85V 3A low dropout voltage regulator 3.0V 3A low dropout voltage regulator 1.5V 3A low dropout voltage regulator BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 125 Vac, Roller Lever Actuator, 1,67 N [6 oz] Maximum Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, UL BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Roller Lever Actuator, 1,67 N [6 oz] Maximum Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO, UL 3A LOW DROPOUT VOLTAGE REGULATOR A低压差稳压器 SWTCH LEVER SPDT 15A SOLD TERM A低压差稳压器 3A LOW DROPOUT VOLTAGE REGULATOR 3A低压差稳压器
|
Advanced Monolithic Systems, Inc.
|
TLE4276SV50 TLE4276SV85 TLE4276V TLE4276GV10 TLE42 |
Low Drop Voltage Regulator 400 mA current capability 8.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO5
|
Infineon Technologies AG Infineon Technologies A...
|
MIC39102YM MIC39100-1.8WS MIC39101-5.0YM MIC39101- |
1A Low-Voltage Low-Dropout Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.63 V DROPOUT, PDSO8 1.8 V FIXED POSITIVE LDO REGULATOR, 0.63 V DROPOUT, PDSO4 1.8 V FIXED POSITIVE LDO REGULATOR, 0.63 V DROPOUT, PDSO8 IC REG LDO 1A 5.0V 8SOIC
|
Micrel Semiconductor MICREL INC
|
MIC5200-3.0BM MIC5200-3.0BS MIC5200-3.0YM MIC5200- |
100mA Low-Dropout Regulator IC REG LDO 100MA 3.3V 1% SOT223 3.3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 IC REG LDO 100MA 5.0V 1% 8SOIC 5 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO8 4.8 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 3.3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO8
|
Micrel Semiconductor, Inc. MICREL INC
|
MSK5275-1.8H MSK5275-1.9 MSK5275-1.7E MSK5275-1.9H |
JO75LOW DROPOUT MICROPOWER VOLTAGE REGULATOR 1300 mA, Low Dropout Voltage Regulator with On/Off Control 175 175 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1 Commercial Wire; FLT01VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3
|
M.S. Kennedy, Corp. MS KENNEDY CORP
|
TK71530 TK715XX TK71519 TK71519S TK71519SCL TK7151 |
LOW DROPOUT VOLTAGE REGULATOR 2.7 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO3 LOW DROPOUT VOLTAGE REGULATOR 4.8 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO3 LOW DROPOUT VOLTAGE REGULATOR 8 V FIXED POSITIVE LDO REGULATOR, 0.33 V DROPOUT, PDSO3 LOW DROPOUT VOLTAGE REGULATOR 低压差稳压器 CAP 220UF 4V ELECT HB SMD
|
TOKO, Inc. TOKO Inc. TOKO[TOKO Inc] TOKO[TOKO, Inc]
|
ADP3338AKCZ-1.5-R7 ADP3338AKCZ-5-R7 ADP3338AKCZ-2. |
High Accuracy Ultralow Quiscent Current, 1A, anyCAP® Dropout Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO4 High Accuracy Ultralow Quiscent Current, 1A, anyCAP® Dropout Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO4 High Accuracy Ultralow Quiscent Current, 1A, anyCAP® Dropout Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO4 2.5 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO4 TO-261AA, SOT-223, 3 PIN High Accuracy Ultralow Quiscent Current, 1A, anyCAP® Dropout Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO4 High Accuracy, Ultralow I Low Dropout Regulator High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
|
Analog Devices, Inc. ANALOG DEVICES INC
|
B1150 B1150S-1.5 B1150S-2.5 B1150S-3.0 B1150S-3.3 |
Adjustable 4.0A low dropout voltage regulator 3.3V 4.0A low dropout voltage regulator 3.0V 4.0A low dropout voltage regulator 2.5V 4.0A low dropout voltage regulator 1.5V 4.0A low dropout voltage regulator 4.0A Low Dropout Voltage Regulator Adjustable & Fix Output
|
BayLinear ETC
|
|