PART |
Description |
Maker |
BU426 |
RP20 (F) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 5V; 2:1 Wide Input Voltage Range; 20 Watts HIGH VOLTAGE POWER SWITCH
|
意法半导 ST Microelectronics STMicroelectronics
|
BD9302FP-E |
A wide input voltage range of 6 V to 18 V, Easy switching frequency setting in the range of 200 k to 2.5 MHz.
|
Rohm
|
NCS12S1212C NCS12D1205C NCS12D1212C NCS12D1215C NC |
UL 60950 recognition pending 4:1 Wide range voltage input Isolated 12W 4:1 Input Single & Dual Output DC/DC Converters
|
Murata Power Solutions Inc.
|
BSS84 BSS84-NL |
?.13A, ?0V. RDS(ON) = 10Ω @ VGS = ? V RP10 (EW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 15V; 4:1 Wide Input Voltage Range; 10 Watts P-Channel Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor Corporation
|
LI120-10B48 |
Wide input voltage range
|
MORNSUN Science& Techno...
|
BSS98 Q62702-S635 Q62702-S053 Q62702-S517 SIEMENSA |
RP10 (EW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 15V; 4:1 Wide Input Voltage Range; 10 Watts SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
R1515H064B R1515H070B R1515H071B R1515H072B R1515H |
50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
|
RICOH electronics devices division
|
R1514H070B R1514H071B R1514H072B R1514H073B R1514H |
150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
|
RICOH electronics devices division EPCOS
|
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
SP7661ER_TR SP7661ERL_TR SP766107 SP7661 |
Wide Input Voltage Range 3A, 600kHz, Buck Regulator
|
SIPEX[Sipex Corporation]
|
SP7653ERL/TR |
Wide Input Voltage Range, 1.3MHz, Buck Regulator
|
Sipex Corporation
|
SP7663ERL/TR |
Wide Input Voltage Range 6A, 600kHz, Buck Regulator
|
Sipex Corporation
|