PART |
Description |
Maker |
MIC5253 MIC5253-1.85BC5 MIC5253-1.8BC5 MIC5253-2.6 |
100mA Low Noise µCap Teeny LDO 100mA Low Noise UCap Teeny LDO 3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
GLT44108 GLT44108-35FA GLT44108-35FB GLT44108-35FC |
30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SC70 -40 to 125 12k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, Fast Transient Response 5-SOT-23 12k × 8的CMOS动态RAM的快速页面模 30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SOT-23 -40 to 125 12k × 8CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.8V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.5V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE 12k × 8的CMOS动态RAM的快速页面模 Multi-Color LED; LED Color:Red; Luminous Intensity:25ucd; Viewing Angle:40 ; Forward Current:20mA; Forward Voltage:1.7V; Operating Temperature Range:-30 C to 85 C; Color:Red; Leaded Process Compatible:No RoHS Compliant: No Single Output LDO, 100mA, Fixed(5.0V), Low Noise, Fast Transient Response 8-SOIC Single Output LDO, 100mA, Fixed(3.3V), Low Noise, Fast Transient Response 5-SOT-23 Single Output LDO, 100mA, Fixed(2.85V), Low Noise, Fast Transient Response 5-SOT-23
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
ILC7071AIM533X ILC7071 ILC7071AIM525X ILC7071AIM52 |
0.10A Low Dropout Voltage Regulator 100mA SOT-23-5 Low Noise CMOS RF-LDO Regulator
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
RT9188-K8PB RT9188-K8GB |
Dual, Ultra-Low Quiescent, 100mA CMOS LDO Regulator
|
Richtek Technology Corporation
|
ILC7084AIM5ADJX ILC7083 ILC7083AIK30X ILC7083AIKAD |
RES 2.1K-OHM 5% 0.125W 200PPM THICK-FILM SMD-0805 5K/REEL-7IN-PA 2.5 V-12 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 JT 32C 32#20 SKT PLUG 3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO8 150mA SOT-23 Low Noise CMOS RF-LDO?/a> Regulator 150mA SOT-23 Low Noise CMOS RF-LDO Regulator 150mA SOT-23 Low Noise CMOS RF-LDO⑩ Regulator 150mA SOT-23 Ultra Low Noise CMOS RF-LDO
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ILC7071 ILC7071AIM5-28 ILC7071AIM5-30 ILC7071AIM5- |
100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR 100mA的采用SOT - 23 - 5超低噪音的CMOS射频LDO稳压
|
Impala Linear Corporati... IMPALA[Impala Linear Corporation]
|
HT75XX-1 HT7550-1 HT7530-1 HT7533-1 HT7536-1 HT754 |
100mA Low Power LDO
|
HOLTEK[Holtek Semiconductor Inc]
|
SE5509GLC SE5509GLA SE5509GLB SE5509-12 SE5509GLD |
Low Power Low Noise LDO CMOS Voltage Regulator
|
Seaward Electronics Inc...
|
TC1224-XXVCT TC1223 TC1223-XXVCT TC1223-5.0VCTTR T |
5 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 4 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 50mA and 100mA CMOS LDOs with Shutdown The TC1223 and TC1224 are high accuracy (typically ±0.5%) CMOS upgrade for older (bipolar) low dropout regulators such as the ... The TC1223 and TC1224 are high accuracy (typically ±0.5%) CMOS upgrade for older (bipolar) low dropout regulators such as the LP2980. Designed specifically for battery-operated systems, the devices CMOS constructio neliminates wasted
|
MICROCHIP[Microchip Technology]
|
LP2950ACDT-3.0RK LP2950ACZ-3.0RA LP2950CDT-3.0RK L |
100mA, 3V, Low Power Low Dropout Voltage Regulator 100mA, 3.3V or Adjustable, Low Power Low Dropout Voltage Regulator with Error Flag Output
|
ON Semiconductor
|
LT1761MPS5-1.8 LT1761ES5-1.2 |
100mA, Low Noise,LDO Micropower Regulators in SOT-23
|
Linear Technology
|
LT3061HMS8EPBF LT3061HDCBPBF LT3061HDCBTRMPBF LT30 |
45V Vin, Micropower, Low Noise, 100mA LDO with Output Discharge
|
Linear Technology
|