PART |
Description |
Maker |
IRF644N IRF644NL IRF644NS IRF644 IRF644NSTRR |
250V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=250V, Rds(on)=240mohm, Id=14A) Power MOSFET(Vdss=250V/ Rds(on)=240mohm/ Id=14A) TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 14A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 250V五(巴西)直|4A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
FQI6N25 FQB6N25 FQB6N25TM |
250V N-Channel QFET 250V N-Channel MOSFET 5.5 A, 250 V, 1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
IRFP244B IRFP244BFP001 |
250V N-Channel B-FET / Substitute of IRFP244 & IRFP244A 250V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
IRF644B IRFS644B IRF644 IRF644BFP001 |
250V N-Channel MOSFET 250V N-Channel B-FET / Substitute of IRF644 & IRF644A
|
FAIRCHILD[Fairchild Semiconductor]
|
IRFU214A IRFR214A |
TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 2.2A I(D) | TO-251AA TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 2.2A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 250V五(巴西)直| 2.2AI(四)|52AA
|
Intersil, Corp.
|
IRC634 |
250V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A)
|
IRF[International Rectifier]
|
FQAF16N25C |
250V N-Channel Advance Q-FET C-Series 250V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQP27N25 |
250V N-Channel MOSFET 250V N-Channel MOSFET 25.5 A, 250 V, 0.11 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|
IRFP244 |
250V Single N-Channel HEXFET Power MOSFET in a TO-247AC package HEXFET? Power MOSFET Power MOSFET(Vdss=250V Rds(on)=0.28ohm Id=15A) Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=15A) 功率MOSFET(减振钢板基本\u003d 250V,的Rdson)\u003d 0.28ohm,身份证\u003d 15A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
FQD4N25 FQU4N25 FQD4N25TM FQD4N25TF |
250V N-Channel MOSFET(婕???靛?涓?50V????垫?涓?.0A??娌??澧?己??OS?烘?搴??) 250V N-Channel QFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
IRFI624G |
Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.4A) 250V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|