PART |
Description |
Maker |
ISL9N303AS3ST ISL9N303AS3 ISL9N303AP3 N303AS N303A |
N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 30A 40V 250A-Ifsm 0.55Vf 1A-IR D2PAK 800/REEL-13 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel Logic Level UltraFET Trench MOSFETs 30V / 75A / 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V 75A 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FDME1024NZT |
Dual N-Channel Power Trench MOSFET
|
Fairchild Semiconductor
|
FDB045AN08A0 FDB045AN08NBSP FDB045AN08 |
N-Channel UltraFET Trench MOSFET 75V, 80A, 4.5m?/a> N-Channel UltraFET ?Trench MOSFET 75V, 80A, 4.5mOhm From old datasheet system N-Channel UltraFET® Trench MOSFET N-Channel UltraFET Trench MOSFET 75V/ 80A/ 4.5m N-Channel UltraFET Trench MOSFET 75V, 80A, 4.5mз 19 A, 75 V, 0.0045 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FDMS2504SDC |
N-Channel Dual Cool-TM Power Trench SyncFet-TM 25V, 49A, 1.2mOhms
|
Fairchild Semiconductor
|
FDD6632 |
N-Channel Logic Level UltraFET Trench Power MOSFET 30V, 9A, 90mз 4 A, 30 V, 0.09 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 N-Channel Logic Level UltraFET Trench Power MOSFET 30V/ 9A/ 90m N-Channel Logic Level UltraFET Trench Power MOSFET 30V, 9A, 90mOhm
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
APTGT450DU60G |
Dual common source Trench Field Stop IGBT Power Module 550 A, 600 V, N-CHANNEL IGBT
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
CM75DU-24F |
Trench Gate Design Dual IGBTMOD?/a> 75 Amperes/1200 Volts Trench Gate Design Dual IGBTMOD⑩ 75 Amperes/1200 Volts Trench Gate Design Dual IGBTMOD 75 Amperes/1200 Volts Trench Gate Design Dual IGBTMOD75 Amperes/1200 Volts 75 A, 1200 V, N-CHANNEL IGBT
|
POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
SUF3001 |
Dual P-channel Trench MOSFET
|
AUK corp
|
PMDPB30XN |
dual N-channel Trench MOSFET
|
NXP Semiconductors
|
FMP76-010T |
Trench P & N-Channel Power MOSFET Common Drain Topology 62 A, 100 V, 0.011 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET PLASTIC, ISOPLUS, I4-PAK-5
|
IXYS Corporation IXYS, Corp.
|
OM6215SS OM6214SS OM6216SS OM6217SS |
30 A, 100 V, 0.065 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE 100V Dual N-Channel MOSFET in a S-6 package 400V Dual N-Channel MOSFET in a S-6 package 500V Dual N-Channel MOSFET in a S-6 package 200V Dual N-Channel MOSFET in a S-6 package
|
List of Unclassifed Manufacturers ETC International Rectifier
|
|