PART |
Description |
Maker |
BTA41-800B BTA41-600B BTA40-800B BTA40-600B BTA40- |
40A TRIACS
|
Kersemi Electronic Co.,...
|
BTB40-800BRG BTB41 BTA40-600BRG BTA40-800BRG BTA40 |
40A TRIACs
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
TPDVXX40 |
40A high-voltage Triacs
|
ST Microelectronics
|
UDN-5711M UDN-5713M UDN-5710MSERIES |
STANDARD 4A TRIAC 双外围驱动器 4A TRIACS 双外围驱动器 40A TRIACS 双外围驱动器
|
Avago Technologies, Ltd.
|
UDS-5703H UDN-5700ASERIES UDN-5706A UDS-5733H |
Serial real-time clock with audio 25 A standard and Snubberless" triacs 40A TRIACS 四外设驱 Real-Time Clock 64 Kbit (8192 bot x 8) EEPROM 四外设驱
|
Avago Technologies, Ltd.
|
36-00029-01-D1 36-00029-01 |
IND COMMON MODE 350uH 40A 实业共模350uH 40A
|
Vicor, Corp. VICOR[Vicor Corporation]
|
BT136 BT136-500 BT136-500F BT136-500G BT136-600 BT |
Triacs(双向可控 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BT139X BT139X-500 BT139X-500F BT139X-500G BT139X-6 |
Triacs(??????纭? Transient Voltage Suppressor Diodes 双向可控 DIODE ZENER SINGLE 200mW 2.7Vz 20mA-Izt 0.05 75uA-Ir 1 SOD-323 3K/REEL 800 V, 16 A, TRIAC Triacs(双向可控 500 V, 16 A, TRIAC Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BT236X-600 BT236X-600F BT236X-600G BT236X-800 BT23 |
6 A Four-quadrant triacs 6 A Four-quadrant triacs - I<sub>GT</sub>: 25 mA; I<sub>T</sub> (R<sub>MS</sub>): 6 A; V<sub>DRM</sub>: 600 V; Package: SOT186A (TO-220F); Container: Horizontal, Rail Pack 6 A Four-quadrant triacs
|
http:// NXP Semiconductors
|
126S 117S 151S 176S |
THYRISTOR/DIODE MODULE, 40A 1200VTHYRISTOR/DIODE MODULE, 40A 1200V; Voltage, Vrrm:1200V; Current, It av:40A; Case style:SEMIPACK 1; Current, It rms 3/8 (9.52mm) Sq. Wirewound Trimmers 3/8in [9.52mm] Sq. Wirewound Trimmers, Precious Metal Wiper, Solderable Leads, Military Quality at Affordable Prices
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
STB3020L 6474 |
CSED, FLANGE KIT 400A -通道30V 0.019ohm - 40A采用D2PAK STripFET]功率MOSFET From old datasheet system N - CHANNEL 30V - 0.019 - 40A - D 2 PAK STripFET TM POWER MOSFET N - CHANNEL 30V - 0.019ohm - 40A - D2PAK STripFET] POWER MOSFET N - CHANNEL 30V - 0.019W - 40A - D 2 PAK STripFET POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
BT136M-500 BT136M-500F BT136M-500G BT136M-600 BT13 |
Triacs 双向可控 Octal Registered Transceivers with 3-State Outputs 24-SSOP/QSOP -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs(双向可控 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Octal Registered Transceivers with 3-State Outputs 24-SSOP/QSOP -40 to 85 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 DIODE ZENER DUAL COMMON-ANODE 300mW 8.2Vz 5mA-Izt 0.05 0.1uA-Ir 6 SOT-23 3K/REEL RECTIFIER SCHOTTKY SINGLE 0.5A 20V 5.5A-Ifsm 0.385Vf 0.25A-IR SOD-123 3K/REEL Octal Registered Transceivers with 3-State Outputs 24-SOIC -40 to 85 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|