PART |
Description |
Maker |
T1212MH T1213DH T1210MH T1213NH T12XXXH T1210NH -T |
700V standard triac 800V standard triac STANDARD TRIACS BOX ALUM UNPAINTED 10X6X3.5,1 BOX UTILITY ALUM GREY 7X5X3,1 400V standard triac
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导
|
UDN-5711M UDN-5713M UDN-5710MSERIES |
STANDARD 4A TRIAC 双外围驱动器 4A TRIACS 双外围驱动器 40A TRIACS 双外围驱动器
|
Avago Technologies, Ltd.
|
1T06E-D 1T06E-T 1T08E-D 1T08E-T 1T08E-A 1T08E-S 1T |
Standard TRIACs, 1A
|
Nell Semiconductor Co., Ltd
|
Z00607 |
Standard 0.8 A Triacs
|
STMicroelectronics
|
T10XXXH |
Standard Triacs(标准双向可控
|
意法半导
|
UDS-3611H UDS-3612H UDS-3613H UDS-3614H UDN-3612M |
3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor 5.0 or 3.0V, 512 Bit (64 Bit x8) Serial RTC (SPI) SRAM and NVRAM Supervisor Serial real-time clock 25 A standard and Snubberless" triacs 25 A standard and Snubberless" triacs 双外围驱动器 5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM 双外围驱动器
|
Motorola Mobility Holdings, Inc.
|
T1210T-6I |
(T12xxT-6I) Standard And Snubberless Triacs
|
ST Microelectronics
|
4T06F-CW 4T08A-SW 4T08A-TW 4T08F-D 4T10AI-CW 4T10A |
TRIACs, 4A Snubberless, Logic Level and Standard
|
Nell Semiconductor Co., Ltd
|
T1235T-6I T1225T-6I T1220T-6I |
Snubberless, logic level and standard 12 A Triacs
|
STMicroelectronics
|
T835 BTA08-600B BTA08-600BRG BTA08-600BW BTB08 BTA |
Snubberless?? logic level and standard 8 A Triacs Snubberless? logic level and standard 8 A Triacs
|
STMicroelectronics
|
CA3094BE |
25 A standard and Snubberless" triacs 电压反馈运算放大
|
Fairchild Semiconductor, Corp.
|
BT139X BT139X-500 BT139X-500F BT139X-500G BT139X-6 |
Triacs(??????纭? Transient Voltage Suppressor Diodes 双向可控 DIODE ZENER SINGLE 200mW 2.7Vz 20mA-Izt 0.05 75uA-Ir 1 SOD-323 3K/REEL 800 V, 16 A, TRIAC Triacs(双向可控 500 V, 16 A, TRIAC Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|