PART |
Description |
Maker |
MAX17232 MAX17232ETIS MAX17232ETI- MAX17233 MAX172 |
Eliminates External Components and Reduces Total Cost
|
Maxim Integrated Produc...
|
RT9261 |
Minimal Number of External Components ( Only an inductor, a diode, and a capacitor)
|
TY Semiconductor Co., Ltd
|
LA4629 |
4.5 W typical, 2-channel amplifier, standby switch, minimal number of external components Two-Channel Audio Frequency Power Amplifier
|
Sanyo Semiconductor SANYO[Sanyo Semicon Device]
|
258-501-64-38-14 |
Reduces stock and maintenance costs
|
Marl International Limi...
|
IXTH6N80 IXTM6N80 6N80 IXTM6N80A IXTH6N80A |
N-Channel Enhancement Mode 32-Bit Microcontroller IC; Controller Family/Series:(ARM9); Number of I/O Pins:24; ADC Channels:5; Number of Timers 8/12/16/32 Bits:0 / 0 / 2 / 1; Number of PWM Channels:1; Clock Speed:200MHz; Interfaces:AC97, I2S, SPI, UART, USB
|
IXYS[IXYS Corporation] ETC[ETC]
|
ZXGD3006 ZXGD3006E6 |
High current 40V Gate Driver reduces IGBT switching losses
|
Diodes Incorporated
|
5V41064NLGI8 5V41064NLG8 IDT5V41064 |
1 OUTPUT PCIE GEN1/2 SYNTHESIZER Spread-spectrum capable; reduces EMI
|
Integrated Device Technology
|
C0402CH0G105B020A C0402CH0G105E020A C0402CH0G105W0 |
Part Number Change Notification TDK introduces a new global catalog part number for its Multilayer Ceramic Capacitor products Part Number Change Notification
|
TDK Electronics
|
JSM1F-9V-5 JSM JSM1-12V-4 JSM1-12V-5 JSM1-9V-4 JSM |
Shielded Paired Cable; Number of Conductors:38; Conductor Size AWG:22; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:19; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Automotive Ultra-Miniature Power Relay
|
NAIS[Nais(Matsushita Electric Works)]
|
1728720000 |
Terminal Block; Pitch Spacing:3.5mm; Wire Size (AWG):28-16; Leaded Process Compatible:Yes; Number of Contacts:24; Number of Rows:2; Series:S2L; Operating Voltage:150V 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Weidmuller, Corp.
|