PART |
Description |
Maker |
APE8837RGN2-HF |
DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO6 2 X 2 MM, HALOGEN AND LEAD FREE, DFN-6 DUAL CHANNEL LDO REGULATORS WITH ENABLE
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp.
|
2N6558 40175BDM 4017BDM 40174BDM 4017BDC 4028BDC 4 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset Quad D-Type Flip-Flop Hex D-Type Flip-Flop Johnson Counter TRANSISTOR | MOSFET | N-CHANNEL | 200V V(BR)DSS | 13A I(D) | TO-213AA TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 6A I(D) | TO-213AA 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 晶体管| MOSFET的| N沟道| 20V的五(巴西)直|0mA(丁)|2 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 晶体管| MOSFET的| N沟道| 25V的五(巴西)直|0mA(丁)|2 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 2-Bit/4-Bit缓冲驱动 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 输入或门 Dual 4-input NOR Gate 输入或非
|
Motorola Mobility Holdings, Inc. Thomas Glenair, Inc.
|
XC6415CE017R-G XC6415CE01ER-G XC6415DD017R-G XC641 |
Dual LDO Regulators with ON/OFF Switch
|
http:// Torex Semiconductor
|
XC6415 |
Dual LDO Regulators with ON/OFF Switch
|
AMCC (Applied Micro Circuits Corp)
|
SP6203 SP6203EM5- SP6205ER-3.3 SP6205ER-3.0 SP6205 |
Low Noise, 300mA and 500mA CMOS LDO Regulators Low Noise, 300mA and 500mA CMOS LDO Regulators 低噪音,00mA00mA的CMOS LDO稳压 Low Noise, 300mA and 500mA CMOS LDO Regulators 低噪音,00mA500mA的CMOS LDO稳压 Circular Connector; No. of Contacts:37; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:15-35 低噪音,00mA00mA的CMOS LDO稳压 CRYSTALS 10/15 -20 70 18PF 19.6608MHZ ATCUT FUND HC-49/US Low Noise / 300mA and 500mA CMOS LDO Regulators Low Noise 300mA and 500mA CMOS LDO Regulators
|
Advanced Semiconductor, Inc. SIPEX[Sipex Corporation]
|
BA3259HFP-TR BA3259HFP12 |
Dual-Output (Fixed/Variable) LDO Regulators
|
Rohm
|
MIC2808 |
Dual Low Noise 200mA/30mA LDO Regulators
|
Micrel Semiconductor
|
BA30E00WHFP BA3259HFP BA3259HFP11 |
Secondary Dual-Output (Fixed/Variable) LDO Regulators
|
Rohm
|
BD12IC0WEFJ-E2 BD25IC0WEFJ BD15IC0WEFJ-E2 BD12IC0W |
1A Fixed Output LDO Regulators 1A Variable Output LDO Regulators
|
ROHM
|