PART |
Description |
Maker |
STB16NF06L STB16NF06L06 |
N-channel 60V - 0.07Ω - 16A - D2PAK STripFET Power MOSFET N-channel 60V - 0.07楼? - 16A - D2PAK STripFET垄芒 Power MOSFET N-channel 60V - 0.07ヘ - 16A - D2PAK STripFET⑩ Power MOSFET
|
STMicroelectronics
|
STN3NE06 4877 |
N-Channel 60V-0.08Ω-3A - SOT-223 STripFETTM Power MOSFET(N沟道功率MOSFE N - CHANNEL 60V - 0.08ohm- 3A - SOT-223 STripFET POWER MOSFET N - CHANNEL 60V - 0.08W - 3A - SOT-223 STripFET] POWER MOSFET From old datasheet system
|
意法半导 STMicroelectronics
|
FDP14AN06LA0 FDP14AN06LA FDB14AN06LA0 |
Discrete Automotive N-Channel PowerTrench MOSFET, 60V, 61A, 0.014 Ohm, TO-220 Package N-Channel PowerTrench MOSFET, 60V, 60A, 0.0146 Ohms @ VGS = 5V, TO-263/D2PAK Package N-Channel PowerTrench MOSFET 60V/ 60A/ 14.6m N-Channel PowerTrench MOSFET 60V, 60A, 14.6mз
|
FAIRCHILD[Fairchild Semiconductor]
|
FQD20N06LE FQU20N06LE FQD20N06LETM |
60V N-Channel Logic level QFET (Built in ESD Protection Diode) 60V LOGIC N-Channel MOSFET 17.2 A, 60 V, 0.075 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
STN3NE06L 6045 |
N-CHANNEL 60V - 0.08 OMH - 3A - SOT-223 - STRIPFET POWER MOSFET N - CHANNEL 60V - 0.10 ohm - 3A - SOT-223 STripFETO POWER MOSFET N - CHANNEL 60V - 0.10 - 3A - SOT-223 STripFET TM POWER MOSFET From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STP60NF0607 STP60NF06 |
60 A, 60 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-channel 60V - 0.014ヘ - 60A TO-220 STripFET II⑩ Power MOSFET N-channel 60V - 0.014Ω - 60A TO-220 STripFET II?/a> Power MOSFET
|
STMicroelectronics
|
IRFU9024 IRFR9024 IRFR9024TR IRFR9024TRL IRFR9024T |
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A) 功率MOSFET(减振钢板基本\u003d- 60V的,的Rds(on)\u003d 0.28ohm,身份证\u003d- 8.8A HEXFET? Power MOSFET -60V Single P-Channel HEXFET Power MOSFET in a D-Pak package -60V Single P-Channel HEXFET Power MOSFET in a I-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
ZXMP6A13FTC ZXMP6A13F ZXMP6A13FTA |
P-channel MOSFET 60V P-CHANNEL ENHANCEMENT MODE MOSFET MOSFET P-CH 60V 900MA SOT-23 900 mA, 60 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ZETEX[Zetex Semiconductors] Electronic Theatre Controls, Inc. Zetex Semiconductor PLC
|
FQB50N06L FQI50N06L FQB50N06 FQI50N06 FQI50N06LTU |
60V LOGIC N-Channel MOSFET 52.4 A, 60 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA 60V N-Channel Logic level QFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
RF1K49154 FN4143 |
2A, 60V, 0.130 Ohm, Dual N-Channel, LittleFETPower MOSFET 2A, 60V, 0.130 Ohm, Dual N-Channel, LittleFET Power MOSFET 2A 60V 0.130 Ohm Dual N-Channel LittleFET Power MOSFET From old datasheet system 2A, 60V, 0.130 Ohm, Dual N-Channel, LittleFET⑩ Power MOSFET
|
INTERSIL[Intersil Corporation]
|