PART |
Description |
Maker |
OET020YEHH OET020YEHH-A OET020YEJJ-A OET020ZEHH-A |
25 Watt, input voltage range:18-36V, output voltage 3.3-15V (3.5-0.28A) DC/DC converter 25 Watt, input voltage range:34-75V, output voltage 3.3-15V (3.5-0.28A) DC/DC converter 25 Watt, input voltage range:34-75V, output voltage 3.3-12V (3.5-0.35A) DC/DC converter TRIPLE OUTPUT 25 WATT T1/E1 Transformer Analog IC TRIPLE OUTPUT, 25 WATT 三路输出25瓦特
|
POWER-ONE[Power-One] EPCOS AG
|
LXR1240-6M1 LXR1701-6 LXR1740-6M1 LXN1240-6M1 LXR- |
460 Watt, input voltage range:85-264/90-350V, output voltage 25.7-29.3V,(16.9A) AC/DC converter 345 Watt, input voltage range:85-264/90-350V, output voltage 25.7-29.3V,(12.6A) AC/DC converter 460 Watt, input voltage range:85-264/90-350V, output voltage 51.4-58.6V,(8.4A) AC/DC converter 375 and 500 Watt AC-DC Converters 37500瓦AC - DC转换 375 Watt, input voltage range:85-264/90-350V, output voltage 49.4V,(7.5A) AC/DC converter 345 Watt, input voltage range:85-264/90-350V, output voltage 51.4-58.6V,(6.3A) AC/DC converter
|
Vishay Intertechnology, Inc. POWER-ONE[Power-One] http://
|
TSI-5.0S4R0P TSI-20 TSI-3.3S3R0 TSI-3.3S3R0F TSI-3 |
DC/DC Converter 直流/直流转换 DC/DC Converter (TSI-20 Series 15/20 Watt)
|
TRACO ELECTRONIC AG. TRACOPOWER[TRACO Electronic AG]
|
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
AMEC40-MAZ1 |
40 Watt | AC-DC Converter
|
AIMTEC
|
AME15-12DCJZ AME15-12SCJZ AME15-15DCJZ AME15-15SCJ |
15 Watt | AC-DC / DC-DC Converter
|
AIMTEC
|
SVM12SB |
15 WATT AC-DC CONVERTER
|
List of Unclassifed Manufacturers
|
AMEOS30-12DMAZ AMEOS30-12SMAZ AMEOS30-15DMAZ AMEOS |
30 Watt | AC/DC Converter
|
AIMTEC
|
AM1D0505SNZ AM1D1205SNZ AM1D0515SNZ |
1 Watt | DC-DC Converter
|
AIMTEC
|
AM5TW-RZ13 |
5 Watt | DC-DC Converter
|
AIMTEC
|
AMEOC40-12DMAZ AMEOC40-15SMAZ AMEOC40-24DMAZ AMEOC |
40 Watt | AC-DC / DC-DC Converter
|
AIMTEC
|