PART |
Description |
Maker |
1N476 1N499 1N500 1N279 1N292 1N294 1N567 1N450 1N |
165 V, 500 mA, gold bonded germanium diode 100 V, 500 mA, gold bonded germanium diode 12 V, 500 mA, gold bonded germanium diode 90 V, 500 mA, gold bonded germanium diode GOLD BONDED DIODES(LOW FORWARD VOLTAGE, LOW POWER CONSUMPTION) 75 V, 500 mA, gold bonded germanium diode 120 V, 500 mA, gold bonded germanium diode 70 V, 500 mA, gold bonded germanium diode 80 V, 500 mA, gold bonded germanium diode 115 V, 500 mA, gold bonded germanium diode 60 V, 500 mA, gold bonded germanium diode
|
BKC International Electronics ETC[ETC]
|
HSMBJSAC8.0 HSMBJSAC10 HSMBJSAC12 HSMBJSAC15 HSMBJ |
Low Capacitance TVS 500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
ADC08D500CIYB ADC08D500EVAL |
High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter 高性能,低功耗,位,500 MSPS的A / D转换
|
Analog Devices, Inc.
|
AT22LV10 AT22LV10L AT22LV10L-30GM AT22LV10-20JL AT |
500 gate low voltage PLD, low power, 24 and 28 pins, 3V 30NS, OTP, CERDIP, MIL TEMP(EPLD) Low-voltage UV From old datasheet system AT22LV10(L) [Updated 8/99. 12 Pages] 500 gate low voltage PLD. standard & low power. 24 pins OT PLD, 20 ns, PQCC28 OT PLD, 25 ns, PQCC28
|
Atmel Corporation N/A
|
AD5325BRMZ-REEL7 AD5340 AD5341 AD5342 AD5300 AD533 |
2.5 V to 5.5 V, 500 µA, 2-Wire Interface Quad Voltage Output 12-Bit DAC in a 10-Lead MicroSOIC Package; Package: MSOP; No of Pins: 10; Temperature Range: Industrial SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO10 2.5 V to 5.5 V, 500 μA, 2-Wire Interface Interface 2.5 V to 5.5 V, 500 muA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs 2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs 2.5 V to 5.5 V, 500 μA, 2-Wire Interface Interface
|
Analog Devices, Inc.
|
NCP3335DMR2285G NCP3335DMR2250G NCP3335DMR2330G NC |
High Accuracy Ultra−low Iq, 500 mA Low Dropout Regulator High Accuracy Ultra-low Iq, 500 mA Low Dropout Regulator From old datasheet system
|
ONSEMI[ON Semiconductor]
|
LD39115JXX LD39115SJXX |
500 mA low quiescent current low noise voltage regulatore
|
ST Microelectronics
|
NCP4629 |
500 mA, Wide Input Range, LDO Linear Voltage Regulator
|
ON Semiconductor
|
AMC-151-SMA |
5 MHz - 500 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER Cascadable Amplifier 5 to 500 MHz
|
Tyco Electronics
|
MGDBI-10 |
2:1 Standard Input Single & Bi Outputs Metallic case - 1.500 VDC Isolation
|
GAIA
|
1N751A 1N755A 1N750A 1N757A 1N746A 1N749A 1N752A 1 |
500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,5.1V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,7.5V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,4.7V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,9.1V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,4.3V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,5.6V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,6.2V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,6.8V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,8.2V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,10V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,12V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,3.3V齐纳电压,玻璃齐纳稳压二极管) 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,3.9V齐纳电压,玻璃齐纳稳压二极管) 3.9 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH
|
ON Semiconductor
|
|