PART |
Description |
Maker |
DTA114EM3T5G DTA144WM3T5G DTA114TM3T5G DTA114YM3T5 |
Digital Transistors (BRT)(数字晶体管(BRT 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR Digital Transistors(BRT) Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
|
ONSEMI[ON Semiconductor]
|
PDTA123E PDTA123EE PDTA123EEF PDTA123EK PDTA123EU |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors; R1 = 2.2 k楼?, R2 = 2.2 k楼? PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
|
NXP Semiconductors
|
BC638ZL1 BC636-16ZL1 BC640 BC640ZL1 BC636 BC636-16 |
Transistor Silicon Plastic PNP High Current Transistors PNP Silicon High Current Transistors(PNP Silicon) High Current Transistors 500 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ONSEMI[ON Semiconductor]
|
PDTA143TU PDTA143T PDTA143TE PDTA143TEF PDTA143TK |
PNP resistor-equipped transistors; R1 = 4.7 kOhm, R2 = open; Package: SOT23 (TO-236AB); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors: R1 = 4.7 KOHM, R2 = open
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BC327-16 BC327 BC327-25 BC328-25 BC328 BC328-16 |
Amplifier Transistors(PNP Silicon) Amplifier Transistors(PNP) ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix)
|
MOTOROLA INC ON Semiconductor MOTOROLA[Motorola, Inc] Motorola, Inc.
|
PDTA143ZEF PDTA143ZU PDTA143ZK |
PNP resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 47 kOhm PNP配电阻型晶体管;R1=4.7千欧姆,R2=47千欧 PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = 47 kΩ PNP resistor-equipped transistors; R1 = 4.7 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
2SA1882 0177 |
PNP Epitaxial Planar Silicon Transistors Low-Frequency General-Purpose Amplifier Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SB1201 2SD1801 0738 |
PNP Epitaxial Planar Silicon Transistors High-Current Switching Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SB1508 2SD2281 |
PNP Epitaxial Planar Silicon Transistors 50V/12A High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1419 0069 |
PNP Epitaxial Planar Silicon Transistors High-Voltage Switching Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1523 0090 |
PNP Epitaxial Planar Silicon Transistors Switching Applications (with Bias Resistance) From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|