PART |
Description |
Maker |
2SC4066 |
TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SOT-23 晶体管| 50V五(巴西)总裁| 100mA的一(c)| SOT - 23封装
|
General Cable Technologies, Corp.
|
GF2304 |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 2.5A I(D) | SOT-23 晶体管| MOSFET的| N沟道| 30V的五(巴西)直| 2.5AI(四)| SOT - 23封装
|
Vishay Intertechnology, Inc.
|
AD5061BRJZ-1REEL7 AD5061YRJZ-1REEL7 |
3 V/5 V, 16-Bit VOUT nanoDAC® Converter, Output Buffered, in a Sot 23; Package: SOT-23; No of Pins: 8; Temperature Range: Industrial
|
ANALOG DEVICES INC
|
2SC2059KJM 2SC2059KJN 2SC2059KJP 2SC3082KSP 2SC308 |
TRANSISTOR | BJT | NPN | 32V V(BR)CEO | 600MA I(C) | SOT-23 晶体管|晶体管|叩| 32V的五(巴西)总裁| 600毫安一(c)| SOT - 23封装 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 25V的五(巴西)总裁| 50mA的一(c)| SOT - 23封装 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 200MA I(C) | SOT-23 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 20MA I(C) | SOT-23 TRANSISTOR | BJT | NPN | 19V V(BR)CEO | 50MA I(C) | SOT-23 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR|BJT|NPN|20VV(BR)CEO|20MAI(C)|SOT-23
|
TT electronics Semelab, Ltd.
|
BC849B/E9 BC848C/E9 |
TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 100MA I(C) | SOT-23 晶体管|晶体管|叩| 30V的五(巴西)总裁| 100mA的一c)| SOT - 23封装
|
Ecliptek, Corp.
|
CMBT2369 |
TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 500MA I(C) | SOT-23 晶体管|晶体管|叩| 15V的五(巴西)总裁| 500mA的一(c)| SOT - 23封装
|
Rectron Semiconductor
|
BSR12T/R |
TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 100MA I(C) | SOT-23 晶体管|晶体管|进步党| 15V的五(巴西)总裁| 100mA的一c)| SOT - 23封装
|
Thomas
|
BC857BL |
TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 100MA I(C) | SOT-23 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一c)| SOT - 23封装
|
Unisonic Technologies Co., Ltd.
|
LTC1701 LTKG LTC1701BES5 LTC1701B LTC17011 LTC1701 |
Analog IC 1MHz Step-Down DC/DC Converter in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 1.1 A SWITCHING REGULATOR, 1000 kHz SWITCHING FREQ-MAX, PDSO5 1MHz Step-Down DC/DC Converters in SOT-23
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC4210-1CS6 LTC4210-2IS6 LTC4210-2 LTC4210-1IS6 L |
From old datasheet system 2.7V to 16.5V, 6-Lead SOT-23 Hot Swap Controller in 6-Lead SOT-23 Package
|
LINER[Linear Technology]
|