PART |
Description |
Maker |
T491B686K006AT |
Tantalum, MnO2 Tantalum, T491, 68 uF, 10%, 6.3 V, 3528, SMD, MnO2, Molded, 900 mOhms, Height Max = 2.1mm
|
Kemet Corporation
|
T491B685K025AT |
Tantalum, MnO2 Tantalum, T491, 6.8 uF, 10%, 25 V, 3528, SMD, MnO2, Molded, 2.8 Ohms, Height Max = 2.1mm
|
Kemet Corporation
|
T495D226K035ATE125 |
T495, Tantalum, MnO2 Tantalum, 22 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 125 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T495D226K035ATE260 |
Tantalum, MnO2 Tantalum, T495, 22 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 260 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T495D226M035ATE200 |
T495, Tantalum, MnO2 Tantalum, 22 uF, 20%, 35 VDC, SMD, MnO2, Molded, Low ESR, 200 mOhms, 7343, Height Max = 3.1mm
|
Kemet Corporation
|
T489D107M010ATE440 |
Tantalum, MnO2 Tantalum, T489, 100 uF, 20%, 10 V, 7343, SMD, MnO2, Molded, Low Leakage, 440 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T495B226M010ATA1K5 |
Tantalum, MnO2 Tantalum, T495_Auto, 22 uF, 20%, 10 V, 3528, SMD, MnO2, Molded, Low ESR, Auto, AEC-Q200, 1.5 Ohms, Height Max = 2.1mm
|
Kemet Corporation
|
T495X156K050ATE300 |
Tantalum, MnO2 Tantalum, T495, 15 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, Low ESR, 300 mOhms, 4.3mm
|
Kemet Corporation
|
T491D476K016AT |
Tantalum, MnO2 Tantalum, T491, 47 uF, 10%, 16 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T491D476M010AT |
Tantalum, MnO2 Tantalum, T491, 47 uF, 20%, 10 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
|