PART |
Description |
Maker |
ISL9011AIRNCZ ISL9011AIRNFZ ISL9011AIRNNZ ISL9011A |
Dual LDO with Low Noise, Low IQ, and High PSRR DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
ISL9000IRNCZ |
Dual LDO with Low Noise, Very High PSRR, and Low IQ DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
MC3486P MC3486D |
QUAD EIA-422/3 LINE RECEIVER WITH THREE-STATE OUPUTS Single Output LDO, 100mA, Fixed(5.0V), Low Noise, Fast Transient Response 8-SOIC Single Output LDO, 100mA, Adj.(2.5 to 5.5V), Low Noise, Fast Transient Response 5-SOT-23
|
Motorola, Inc.
|
P6KE200CA P6KE47CA P6KE30CA P6KE56CA P6KE33CA P6KE |
UNI AND BIDIRECTIONAL TYPES/ PEAK PULSEPOWER : 600W From old datasheet system TRANSIL TM UNI AND BIDIRECTIONAL TYPES PEAK PULSEPOWER : 600W UNI AND BIDIRECTIONAL TYPES, PEAK PULSEPOWER : 600W Octal Buffers/Drivers with 3-State Outputs 20-SSOP/QSOP -40 to 85 Single Output LDO, 200mA, Fixed(2.85V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 3-V to 5.5-V Multichannel RS-232 1-MBit/s Line Driver/Receiver 28-SOIC -40 to 85 Octal D-Type Registers with 3-State Outputs 20-SOIC -40 to 85 Single Output LDO, 1.0A, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-223 -40 to 125 Single Output LDO, 1.0A, Fixed(2.8V), Low Noise, High PSRR 6-SOT-223 -40 to 125 Single Output LDO, 1.0A, Fixed(5.0V), Low Noise, High PSRR 6-SOT-223 -40 to 125 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP 0 to 70
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
MAX8882EUTQ5-T MAX8882EUTJ5 MAX8882EUTJ5T |
Dual, Low-Noise, Low-Dropout, 160mA Linear Regulators in SOT23 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO6
|
Maxim Integrated Products, Inc.
|
HIP6211 HIP6211-15UZ HIP6211-15VZ HIP6211-18UZ HIP |
Dual Low Noise LDO in 3mm×3mm MLF?/a> Dual Low Noise LDO in 3mm?3mm MLF??/a> Dual Low Noise LDO in 3mm隆驴3mm MLF垄芒 Dual Low Noise LDO in 3mm】3mm MLF⑩
|
List of Unclassifed Manufacturers ETC
|
ISL9011AIRKNZ-T ISL9011AIRKCZ-T ISL9011AIRKJZ-T IS |
Dual LDO with Low Noise, Low IQ, and High PSRR; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
WL2701E |
300mA, Low noise, High PSRR Dual Output LDO
|
TY Semiconductor Co., Ltd
|
WL2703D |
300mA, Low noise, High PSRR Dual Output LDO
|
TY Semiconductor Co., Ltd
|
RT9167 RT9167-33CB RT9176_A-15CB RT9176_A-15CBR RT |
1.8V low-noise, fixed output voltage 200mA/500mA LDO regulator 1.7V low-noise, fixed output voltage 200mA/500mA LDO regulator 1.6V low-noise, fixed output voltage 200mA/500mA LDO regulator 1.5V low-noise, fixed output voltage 200mA/500mA LDO regulator PREMIUM RS232 DATA CBL DB25 MALE - DB25 FEMALE PREMIUM RS232 DATA CBL DB25 MALE - DB25 MALE CONNECTOR ACCESSORY D52 - BACKSHELL NON-ENVIRON EMI-RFI STRT PREMIUM RS232 DATA CBL DB25 FEMALE - DB25 FEMALE LOW NOISE FIXED OUTPUT VOLTAGE 200MA/500MA LDO REGULATOR 低噪声固定输出电00MA/500MA LDO稳压 EDQ MOLDED 25C 20FT MF 低噪声固定输出电00MA/500MA LDO稳压 IC ENCODER TRANSMITTER RF 8DIP 低噪声固定输出电00MA/500MA LDO稳压 TRANSFORMER 0.50MH 1:1.3 PULSE 低噪声固定输出电00MA/500MA LDO稳压 INDUCTOR, 470UHINDUCTOR, 470UH; Inductance:470uH; Inductor type:Inductor; Current, DC max:0.64A; Resistance:0.16R; Case style:D; Diameter, PCB hole:0.64mm; Flammability rating:UL94V-0 低噪声固定输出电00MA/500MA LDO稳压 Connector assemblies 低噪声固定输出电00MA/500MA LDO稳压
|
RichTek ETC Electronic Theatre Controls, Inc.
|
|