PART |
Description |
Maker |
FDPF3860T |
100V N-Channel PowerTrench MOSFET; Package: TO-220F; No of Pins: 3; Container: Rail N-Channel PowerTrench㈢ MOSFET 100V, 20A, 38.2mヘ N-Channel PowerTrench? MOSFET 100V, 20A, 38.2mΩ
|
FAIRCHILD SEMICONDUCTOR CORP
|
IRLR3714PBF |
HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20m, ID = 36A )
|
International Rectifier
|
Q62705-K151 KPY33-R |
Advanced PFC/PWM Combination Controllers 20-PDIP -40 to 105 相对硅压阻压力传感器 Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor Silicon Piezoresistive Relative Press...
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
1N415DMR 1N415EM 1N415EMR 1N415FM 1N415FMR 1N4294M |
TRANSF 15VAC .16A FLAT PACK PWR RECTIFIER SBR DUAL 20A 100V 200A-ifsm 700mV-vf 0.5mA-ir TO-220AB 50/TUBE SILICON POINT CONTACT MIXER DIODES 硅二极管点接触混合机
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
2N6286 |
Power 20A 100V Darlington NPN
|
ON Semiconductor
|
RJK1055DPB-00-J5 RJK1055DPB-15 |
100V, 23A, 17m max. Silicon N Channel Power MOS FET Power Switching 100V, 23A, 17m?max. Silicon N Channel Power MOS FET Power Switching
|
Renesas Electronics Corporation
|
RJK1056DPB RJK1056DPB-15 |
100V, 25A, 14m max. Silicon N Channel Power MOS FET Power Switching 100V, 25A, 14m?max. Silicon N Channel Power MOS FET Power Switching
|
Renesas Electronics Corporation
|
MBR20100CT |
Schottky Barrier Power Rectifier(20A,100V????哄???????娴??)
|
ON SEMICONDUCTOR
|
IRFP460APBF |
SMPS MOSFET ( VDSS=500V , RDS(on)max=0.27Ω , ID=20A ) SMPS MOSFET ( VDSS=500V , RDS(on)max=0.27ヘ , ID=20A )
|
International Rectifier
|
NTSV20U100CT |
20A, 100V Very Low Forward Voltage Trench-based Schottky Rectifier
|
ON Semiconductor
|
X4ODC24A X4ODC15A |
Input/Output Module; Input Current Max:15mA; Output Current:1A; Output Current Max:1A; Output Type:DC; Output Voltage:100V; Supply Voltage Max:30.5V; Supply Voltage Min:18V; Output Voltage Max:200V; Output Voltage Min:5V Input/Output Module; Input Current Max:20mA; Output Current:1A; Output Current Max:1A; Output Type:DC; Output Voltage:100V; Supply Voltage Max:20V; Supply Voltage Min:10V; Output Voltage Max:200V; Output Voltage Min:5V
|
CRYDOM CORP
|