PART |
Description |
Maker |
Q60103-Y32-E Q60103-Y32-F Q60103-Y23-F Q60103-Y23- |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Current, It av:6A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes PNP晶体管为自动输入 Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes PNP TRANSISTORS FOR AF INPUT STAGES
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
251UL80S20 251UL 251UL100S10 251UL100S15 251UL100S |
2000V Fast Recovery Diode in a DO-205AB (DO-9) package 2000V快恢复二极管中的DO - 205AB(请 9)封 1600V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V快恢复二极管中的DO - 205AB(请 9)封 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1000V Fast Recovery Diode in a DO-205AB (DO-9) package 1200V Fast Recovery Diode in a DO-205AB (DO-9) package 1800V Fast Recovery Diode in a DO-205AB (DO-9) package 1400V Fast Recovery Diode in a DO-205AB (DO-9) package 250 AMP Fast Recovery Power Silicon Rectifiers Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 250安培快速恢复电力硅整流 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流
|
OlympicControls, Corp. Cree, Inc. IRF[International Rectifier] http:// International Rectifier, Corp.
|
SL74HC123N SL74HC123D SL74HC123 HC123 |
Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:1000V; Forward Current Avg Rectified, IF(AV):2A; Non Repetitive Forward Surge Current Max, Ifsm:70A; Forward Voltage Max, VF:1.1V; Package/Case:DO-15 双Retriggerable单稳态触发器 Dual Retriggerable Monostable Multivibrator
|
System Logic Semiconductor Co., Ltd. SLS[System Logic Semiconductor]
|
1N498 1N476 1N477 |
GOLD BONDED DIODES(Low forward voltage, low power consumption)
|
Electronic Theatre Controls, Inc.
|
SVM1550V |
Ultra low forward voltage drop, low power loss
|
Pan Jit International Inc.
|
CBD20200VDCT010001 CBD20200VDCT000001 |
Ultra Low forward voltage drop, low power loss
|
Pan Jit International Inc.
|
SBT20100UFCT |
Extreme low forward voltage drop, low power losses
|
Pan Jit International I...
|
WSL3637L5000FEA WSL3637L5000FEK WSL3637L5000JEA WS |
LED Indicator; LED Color:Red; Forward Current:20mA; Forward Voltage:28V; Color:Red; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Power Metal Strip shunts, very low R-val
very low R-value, very low TCR;
low thermal EMF LED Indicator; Color:Green; Luminous Intensity (MSCP):1000foot lambert; Voltage Rating:24V; LED Color:Green; Leaded Process Compatible:No; Lens Style:(H x Dia) 35.6 x 19.80 mm; Lens Width:17.8; Mounting Type:Through Hole Power Metal Strip Resistors, Low Value, Surface Mount
|
Vishay Intertechnology,Inc. Vishay Siliconix
|
SL04 SL02 SL03 |
Small Signal, Single Schottky Diodes
very low forward voltage drop;
high forward current capability; Small Surface Mount Schottky Diodes
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
KDS184-RTK |
Low forward voltage : V F(3) = 0.9 V
|
TY Semiconductor Co., Ltd
|
SR3150 |
Low Forward Voltage
|
Mospec Semiconductor
|